Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108 Datasheet(PDF) 3 Page - ams AG

Part # AS1108
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 3 Page - ams AG

  AS1108 Datasheet HTML 1Page - ams AG AS1108 Datasheet HTML 2Page - ams AG AS1108 Datasheet HTML 3Page - ams AG AS1108 Datasheet HTML 4Page - ams AG AS1108 Datasheet HTML 5Page - ams AG AS1108 Datasheet HTML 6Page - ams AG AS1108 Datasheet HTML 7Page - ams AG AS1108 Datasheet HTML 8Page - ams AG AS1108 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
3 - 19
AS1108
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Voltage (with respect to
GND)
VDD
-0.3
7
V
DIN, CLK, LOAD/CSN
-0.3
7
V
All Other Pins
-0.3
7 or
VDD +
0.3
V
Current
DIG 0:DIG 3
Sink Current
500
mA
SEG A:SEG G, SEG DP
100
mA
Continuous Power
Dissipation (TAMB = +85ºC)
Narrow Plastic DIP
1066
mW
Derate 13.3mW/ºC above +70ºC
Wide SOIC
941
mW
Derate 11.8mW/ºC above +70ºC
Operating Temperature Ranges (TMIN toTMAX)
0
+70
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature (Wide SOIC)
1
1. The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification for non-hermetic Solid State Surface Mount Devices”.
+260
ºC
Soldering Temperature (Narrow DIP)
2
2. Specified according JESD22-B106 “Resistance to Soldering Temperature for Through-Hole Mounted Devices”.
+260
ºC
Humidity
5
85
%
Non-condensing
Electrostatic Discharge
3
3. Norm: MIL 883 E method 3015.
Digital Outputs
1000
V
All Other Pins
1000
V
Latch-Up Immunity
4
4. Norm: JEDEC 17.
±200
mA
All pins.
Except pin 11: ±180mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com