Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1116 Datasheet(PDF) 13 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 13 Page - ams AG

Back Button AS1116 Datasheet HTML 9Page - ams AG AS1116 Datasheet HTML 10Page - ams AG AS1116 Datasheet HTML 11Page - ams AG AS1116 Datasheet HTML 12Page - ams AG AS1116 Datasheet HTML 13Page - ams AG AS1116 Datasheet HTML 14Page - ams AG AS1116 Datasheet HTML 15Page - ams AG AS1116 Datasheet HTML 16Page - ams AG AS1116 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
13 - 20
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the
Intensity Control Register. The modulator scales the average segment-current in 16 steps from a maximum of 15/16
down to 1/16 of the peak current set by RSET.
Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 8 digits are to be displayed, the
update frequency is typically 0.8kHz. If the number of digits displayed is reduced, the update frequency is increased.
The frequency can be calculated using 8fOSC/N, where N is the number of digits. Since the number of displayed digits
influences the brightness, RSET should be adjusted accordingly.
Note:
To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 16. Intensity Register Format
Duty Cycle
HEX Code
Register Data
Duty Cycle
HEX Code
Register Data
MSB
D2
D1
LSB
MSB
D2
D1
LSB
1/16 (min on)
0xX0
0
0
0
0
9/16
0xX8
1
0
0
0
2/16
0xX1
0
0
0
1
10/16
0xX9
1
0
0
1
3/16
0xX2
0
0
1
0
11/16
0xXA
1
0
1
0
4/16
0xX3
0
0
1
1
12/16
0xXB
1
0
1
1
5/16
0xX4
0
1
0
0
13/16
0xXC
1
1
0
0
6/16
0xX5
0
1
0
1
14/16
0xXD
1
1
0
1
7/16
0xX6
0
1
1
0
15/16
0xXE
1
1
1
0
8/16
0xX7
0
1
1
1
15/16 (max on)
0xXF
1
1
1
1
Table 17. Intensity Register Address
Register HEX Address
Register Data
Type
D7:D4
D3:D0
0x0A
Global
X
Global Intensity
0x10
Digit
Digit 1 Intensity
Digit 0 Intensity
0x11
Digit
Digit 3 Intensity
Digit 2 Intensity
0x12
Digit
Digit 5 Intensity
Digit 4 Intensity
0x13
Digit
Digit 7 Intensity
Digit 6 Intensity
Table 18. Scan-Limit Register Format (Address (HEX) = 0x0B))
Scan Limit
HEX
Code
Register Data
Scan Limit
HEX
Code
Register Data
D7:D3 D2
D1
D0
D7:D3 D2
D1
D0
Display digit 0 only
0xX0
X
0
0
0
Display digits 0:4
0xX4
X
1
0
0
Display digits 0:1
0xX1
X
0
0
1
Display digits 0:5
0xX5
X
1
0
1
Display digits 0:2
0xX2
X
0
1
0
Display digits 0:6
0xX6
X
1
1
0
Display digits 0:3
0xX3
X
0
1
1
Display digits 0:7
0xX7
X
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com