Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1301 Datasheet(PDF) 2 Page - ams AG

Part # AS1301
Description  5V/50mA Low Noise Inductorless Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301 Datasheet(HTML) 2 Page - ams AG

  AS1301 Datasheet HTML 1Page - ams AG AS1301 Datasheet HTML 2Page - ams AG AS1301 Datasheet HTML 3Page - ams AG AS1301 Datasheet HTML 4Page - ams AG AS1301 Datasheet HTML 5Page - ams AG AS1301 Datasheet HTML 6Page - ams AG AS1301 Datasheet HTML 7Page - ams AG AS1301 Datasheet HTML 8Page - ams AG AS1301 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 16
AS1301
Data Sheet - Pi n Assignments
4 Pin Assignments
Figure 2. Pin Assignments (Through View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
TDFN Pinout
WLP Pinout
Description
C2+
1
D1
Connector 2+. Positive terminal of flying cap 2.
VOUT
2
B1
+5V Output Voltage. This pin must be bypassed with a
≥2.2µF low ESR ceramic capacitor.
NC
3
-
Connected to GND or left floating.
NC
4
-
Connected to GND or left floating.
NC
5
-
Connected to GND or left floating.
EN
6
A1
Enable. (operating if EN = 1). Set this digital input to logic
high for normal operation. For shutdown, set to logic low.
C1+
7
C1
Connector 1+. Positive terminal of flying cap 1.
C2-
8
C2
Connector 2-. Negative terminal of flying cap 2.
VBATT
9
B2
+2.7V to 5.25V Input Voltage. Bypass this pin to GND with
a
≥2.2µF low ESR ceramic capacitor.
C1-
10
D2
Connector 1-. Negative terminal of flying cap 1.
GND
Exposed Pad
A2
Ground.
1
C2+
2
VOUT
3
NC
4
NC
5
NC
10 C1-
9 VBATT
8 C2-
7 C1+
6 EN
A1
B1
C1
D1
D2
C2
B2
A2
EN
VOUT
C1+
C2+
C2-
C1-
VBATT
GND
WL-CSP 8-bumps
TDFN (3x3x0.8mm) 10-pin
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com