Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1301 Datasheet(PDF) 6 Page - ams AG

Part # AS1301
Description  5V/50mA Low Noise Inductorless Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1301 Datasheet(HTML) 6 Page - ams AG

Back Button AS1301 Datasheet HTML 2Page - ams AG AS1301 Datasheet HTML 3Page - ams AG AS1301 Datasheet HTML 4Page - ams AG AS1301 Datasheet HTML 5Page - ams AG AS1301 Datasheet HTML 6Page - ams AG AS1301 Datasheet HTML 7Page - ams AG AS1301 Datasheet HTML 8Page - ams AG AS1301 Datasheet HTML 9Page - ams AG AS1301 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 16
AS1301
Data Sheet - Ty pi cal Operating Characte ristics
Figure 9. Output Voltage vs. Output Current
Figure 10. Output Voltage vs. Output Current
Figure 11. Output Voltage vs. Input Voltage
Figure 12. Output Voltage vs. Temp.; IOUT = 0.1mA
Figure 13. Output Voltage vs. Temp.; IOUT = 10mA
Figure 14. Output Voltage vs. Temp.; IOUT = 30mA
4.7
4.8
4.9
5
5.1
5.2
5.3
0.1
1
10
100
Output Current (mA)
4.7
4.8
4.9
5
5.1
5.2
5.3
0.1
1
10
100
Output Current (mA)
VBATT = 3V
VBATT = 4.5V
VBATT = 5V
VBATT = 3.5V
VBATT = 4V
0
1
2
3
4
5
2.75
3.25
3.75
4.25
4.75
5.25
Input Voltage (V)
50mA
30mA
10mA
5.03
5.04
5.05
5.06
5.07
-40
-15
10
35
60
85
Temperature (°C)
VBATT = 3.1V
VBATT = 4.2V
VBATT = 3.6V
0
1
2
3
4
5
2.75
3.25
3.75
4.25
4.75
5.25
Input Voltage (V)
50mA
30mA
10mA
5.03
5.04
5.05
5.06
5.07
-40
-15
10
35
60
85
Temperature (°C)
VIN = 3.1V
VIN = 4.2V
VIN = 3.6V
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
-40
-15
10
35
60
85
Temperature(°C)
VBATT = 4.2V
VBATT = 3.6V
4.6
4.7
4.8
4.9
5
5.1
5.2
-40
-15
10
35
60
85
Temperature (°C)
VBATT = 3.6V
VBATT = 3.1V
VBATT = 4.2V
VBATT = 3.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com