Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 7 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 7 Page - ams AG

Back Button AS1302 Datasheet HTML 3Page - ams AG AS1302 Datasheet HTML 4Page - ams AG AS1302 Datasheet HTML 5Page - ams AG AS1302 Datasheet HTML 6Page - ams AG AS1302 Datasheet HTML 7Page - ams AG AS1302 Datasheet HTML 8Page - ams AG AS1302 Datasheet HTML 9Page - ams AG AS1302 Datasheet HTML 10Page - ams AG AS1302 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 18
AS1302
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Output Voltage vs. Output Current
Figure 16. Output Voltage vs. Output Current
4.85
4.9
4.95
5
5.05
5.1
5.15
0.01
0.1
1
10
100
Output Current (mA)
Vi n =2.9V
Vi n =3.3V
Vi n =4.3V
1.2MHz
49kHz
4.85
4.9
4.95
5
5.05
5.1
5.15
0.01
0.1
1
10
100
Output Current (mA)
Vi n =3.0V
Vi n =3.6V
Vi n =4.0V
1.2MHz
49kHz
Figure 17. Output Voltage vs. Input Voltage
Figure 18. Output Voltage vs. Temperature
4.85
4.9
4.95
5
5.05
5.1
5.15
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
5.3
Input Voltage (V)
Iout =4mA
Iout =10mA
Iout =20mA
Iout =30mA
1:2
mode
2:3
mode
1:1
mode
4.85
4.9
4.95
5
5.05
5.1
5.15
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Iout =0.1mA
Iout =10mA
Iout =30mA
Figure 19. Startup Time vs. Input Voltage; load=166
Ω
0
0.125
0.25
0.375
0.5
0.625
0.75
0.875
1
2.9 3.15 3.4 3.65 3.9 4.15 4.4 4.65 4.9
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com