Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 1 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 1 Page - ams AG

  AS1302 Datasheet HTML 1Page - ams AG AS1302 Datasheet HTML 2Page - ams AG AS1302 Datasheet HTML 3Page - ams AG AS1302 Datasheet HTML 4Page - ams AG AS1302 Datasheet HTML 5Page - ams AG AS1302 Datasheet HTML 6Page - ams AG AS1302 Datasheet HTML 7Page - ams AG AS1302 Datasheet HTML 8Page - ams AG AS1302 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AS1302
5V/30mA Adaptive Inductorless Boost Converter
www.austriamicrosystems.com
Revision 1.02
1 - 18
Datasheet
1 General Description
The AS1302 is a 30mA inductorless boost converter
using a double H-bridge charge-pump topology with two
external flying capacitors. The AS1302 charge pump
features 1:2 and 2:3 operation modes as well as a 1:1
operation mode where the input is directly connected to
the output.
The AS1302 runs on a 1.2MHz fixed frequency and is
utilized with a low noise regulation scheme to allow
usage together with sensitive RF circuitry from the same
battery supply. Additionally to increase efficiency the
AS1302 switches to 49kHz at light loads.
Designed to reside in portable and space limited
equipment the 1.2MHz charge pump converts a 2.9V to
5.15V input to regulated 5V output with 3% accuracy.
The shutdown function reduces the supply current to
<1µA and disconnects the load from the output. The
integrated soft-start circuitry prevents high inrush
currents being drawn from the battery during start-up.
The AS1302 includes built-in under-voltage lockout,
short circuit-, and thermal protection circuitry.
The AS1302 is available in TDFN (3x3x0.8mm) 10-pin
and an extremely small 1.2x1.2mm WL-CSP 8-bumps
package with 0.4mm pitch.
2 Key Features
!
Up to 90% Efficiency
!
2.9V to 5.15V Input Voltage
!
Regulated 5V Output
!
Automatic Mode Switching
!
<1µA Shutdown Current
!
Startup with Full Load (within 1ms)
!
Up to 30mA Load Current
!
Short Circuit Protection
!
Output Disconnected During Shutdown
!
Soft-Start
!
No Inductor Required
!
Small External Components Required
(COUT =2.2µF, CFLY =220nF)
!
Low Noise Fixed Frequency (1.2MHz, 49kHz)
Charge Pump:
- 1:1 Battery Feed Through Mode
- 2:3 Single Phase Mode
- 1:2 Single Phase Mode
!
Package Options:
- TDFN (3x3x0.8mm) 10-pin
- WL-CSP 8-bumps with 0.4mm Pitch
3 Applications
The device is ideal for two or three AA cells or a single
Li-Ion battery cell to 5V conversion, mobile phones,
portable instruments, microprocessor based systems
and remote data-acquisition systems.
Figure 1. AS1302 - Typical Application Diagram
VBATT
CBAT
AS1302
2.2µF
VBATT
EN
GND
VOUT
C1+
C1-
C2+
C2-
VOUT = 5V
COUT
2.2µF
On
Off
CFLY1
CFLY2
2.9V to 5.15V
220nF
220nF


Similar Part No. - AS1302

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1302 AMSCO-AS1302 Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
logo
ams-OSRAM AG
AS1302 AMSOSRAM-AS1302 Datasheet
1Mb / 20P
5V/30mA Adaptive Inductorless Boost Converter
Revision 1.03
logo
ams AG
AS1302-BTDT AMSCO-AS1302-BTDT Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
logo
ams-OSRAM AG
AS1302-BTDT AMSOSRAM-AS1302-BTDT Datasheet
1Mb / 20P
5V/30mA Adaptive Inductorless Boost Converter
Revision 1.03
logo
ams AG
AS1302-BWLT AMSCO-AS1302-BWLT Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
More results

Similar Description - AS1302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
NCP7662 ONSEMI-NCP7662 Datasheet
152Kb / 12P
INDUCTORLESS VOLTAGE CONVERTER
June, 2000 ??Rev. 0
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
AC/DC converter AC100V input, 5V/30mA output
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
5V 2.1A 1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com