Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet (PDF) - ams-OSRAM AG

AS1302 Datasheet PDF - ams-OSRAM AG
Part # AS1302
Download  AS1302 Download
File Size   1843.21 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1302 Datasheet PDF - ams-OSRAM AG

Part # AS1302
Download  AS1302 Click to download

File Size   1843.21 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (HTML) - ams-OSRAM AG


AS1302 Product details

1 General Description
The AS1302 is a 30mA inductorless boost converter
using a double H-bridge charge-pump topology with two
external flying capacitors. The AS1302 charge pump
features 1:2 and 2:3 operation modes as well as a 1:1
operation mode where the input is directly connected to
the output.
The AS1302 runs on a 1.2MHz fixed frequency and is
utilized with a low noise regulation scheme to allow
usage together with sensitive RF circuitry from the same
battery supply. Additionally to increase efficiency the
AS1302 switches to 49kHz at light loads.
Designed to reside in portable and space limited
equipment the 1.2MHz charge pump converts a 2.9V to
5.15V input to regulated 5V output with 3% accuracy.
The shutdown function reduces the supply current to
<1μA and disconnects the load from the output. The
integrated soft-start circuitry prevents high inrush
currents being drawn from the battery during start-up.
The AS1302 includes built-in under-voltage lockout,
short circuit-, and thermal protection circuitry.
The AS1302 is available in TDFN (3x3x0.8mm) 10-pin
and an extremely small 1.2x1.2mm WL-CSP 8-bumps
package with 0.4mm pitch.
2 Key Features
! Up to 90% Efficiency
! 2.9V to 5.15V Input Voltage
! Regulated 5V Output
! Automatic Mode Switching
! <1μA Shutdown Current
! Startup with Full Load (within 1ms)
! Up to 30mA Load Current
! Short Circuit Protection
! Output Disconnected During Shutdown
! Soft-Start
! No Inductor Required
! Small External Components Required
(COUT =2.2μF, CFLY =220nF)
! Low Noise Fixed Frequency (1.2MHz, 49kHz)
Charge Pump:
- 1:1 Battery Feed Through Mode
- 2:3 Single Phase Mode
- 1:2 Single Phase Mode
! Package Options:
- TDFN (3x3x0.8mm) 10-pin
- WL-CSP 8-bumps with 0.4mm Pitch
3 Applications
The device is ideal for two or three AA cells or a single
Li-Ion battery cell to 5V conversion, mobile phones,
portable instruments, microprocessor based systems
and remote data-acquisition systems.




Similar Part No. - AS1302

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
AS1302-BTDT AMSCO-AS1302-BTDT Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
AS1302-BTDT AMSCO-AS1302-BTDT Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
AS1302-BWLT AMSCO-AS1302-BWLT Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
More results


Similar Description - AS1302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
NCP7662 ONSEMI-NCP7662 Datasheet
152Kb / 12P
INDUCTORLESS VOLTAGE CONVERTER
June, 2000 ??Rev. 0
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
AC/DC converter AC100V input, 5V/30mA output
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
5V/30mA Adaptive Inductorless Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
5V 2.1A 1.2MHz Synchronous Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com