Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS1302 Datasheet HTML 3Page - ams-OSRAM AG AS1302 Datasheet HTML 4Page - ams-OSRAM AG AS1302 Datasheet HTML 5Page - ams-OSRAM AG AS1302 Datasheet HTML 6Page - ams-OSRAM AG AS1302 Datasheet HTML 7Page - ams-OSRAM AG AS1302 Datasheet HTML 8Page - ams-OSRAM AG AS1302 Datasheet HTML 9Page - ams-OSRAM AG AS1302 Datasheet HTML 10Page - ams-OSRAM AG AS1302 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
5 - 18
AS1302
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBATT = 3.3V, VOUT = 5V, COUT = CBAT = 2.2µF, CFLY1 = CFLY2 =220nF, TAMB = +25ºC, unless otherwise specified.
Figure 3. Efficiency vs. Input Voltage; ILOAD = 1mA
Figure 4. Efficiency vs. Input Voltage; ILOAD = 10mA
0
10
20
30
40
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
5.4
Input Voltage (V)
1:2
mode
2:3
mode
1:1
mode
0
10
20
30
40
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
5.4
Input Voltage (V)
1:2
mode
2:3
mode
1:1
mode
Figure 5. Efficiency vs. Input Voltage; ILOAD = 20mA
Figure 6. Efficiency vs. Input Voltage; ILOAD = 30mA
0
10
20
30
40
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
5.4
Input Voltage (V)
1:2
mode
2:3
mode
1:1
mode
0
10
20
30
40
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
5.4
Input Voltage (V)
1:2
mode
2:3
mode
1:1
mode
Figure 7. Quiescent Current vs. Input Voltage
Figure 8. Quiescent Current vs. Temperature
50
75
100
125
150
175
200
225
250
275
300
2.4
2.9
3.4
3.9
4.4
4.9
5.4
Input Voltage (V)
50
75
100
125
150
175
200
225
250
275
300
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Vi n=3.4V (1:2 Mode)
Vi n=4.5V (2:3 Mode)
Vi n=5.3V (1:1 Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com