Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS1302 Datasheet HTML 9Page - ams-OSRAM AG AS1302 Datasheet HTML 10Page - ams-OSRAM AG AS1302 Datasheet HTML 11Page - ams-OSRAM AG AS1302 Datasheet HTML 12Page - ams-OSRAM AG AS1302 Datasheet HTML 13Page - ams-OSRAM AG AS1302 Datasheet HTML 14Page - ams-OSRAM AG AS1302 Datasheet HTML 15Page - ams-OSRAM AG AS1302 Datasheet HTML 16Page - ams-OSRAM AG AS1302 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
11 - 18
AS1302
Datasheet - D e t a i l e d D e s c r i p t i o n
Switch Configuration
The AS1302 has nine built-in power switches in the shape of two coupled H-bridge topologies. The system features
1:2 and 2:3 operation modes as well as a 1:1 operation where the input is directly connected to the output.
In 2:3 operation mode two flying capacitors are placed in series and each capacitor is charged to the half of the input
voltage. In pumping phase the flying capacitors are placed in parallel. The bottom-plates of the parallel flying
capacitors CFLY1 and CFLY2 are connected to the input voltage so that the voltage at the top-plates of the flying
capacitors is boosted to a voltage equal to VBATT + VBATT/2. By connecting the top-plates of the capacitors to the
output, the output voltage in the 2:3 mode can be up to one and a half of VBATT. If the top-plate voltage is higher than
5V, the regulation loop adapts the power transistor’s on-resistance to drop some voltage.
In 1:2 operation both flying capacitors are placed in parallel to the input voltage, and therefore charged to the input
voltage. During pumping phase the input voltage is connected to the bottom of the charged flying capacitors. The
voltage at the top-plates of the parallel capacitors is now boosted to 2VBATT. By connecting the top-plates of the
capacitors to the output, the output can be charged to twice the voltage of VBATT. If the top-plate voltage is higher than
5V the regulation loop limits the charge transfer to the output.
Figure 33. 2:3 Operating Mode
VBATT
+2.9V to 5.15V
SW1
CFLY1
CFLY2
SW3
SW2
SW4
Charging Phase
VOUT
+5V
VBATT
+2.9V to 5.15V
SW1
CFLY1
CFLY2
SW3
SW2
SW4
Pumping Phase
VOUT
+5V
Figure 34. 1:2 Operating Mode
VBATT
+2.9V to 5.15V
SW1
CFLY1
CFLY2
SW3
SW2
SW4
VOUT
+5V
Charging Phase
VBATT
+2.9V to 5.15V
SW1
CFLY1
CFLY2
SW3
SW2
SW4
Pumping Phase
VOUT
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com