Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1302 Datasheet HTML 8Page - ams-OSRAM AG AS1302 Datasheet HTML 9Page - ams-OSRAM AG AS1302 Datasheet HTML 10Page - ams-OSRAM AG AS1302 Datasheet HTML 11Page - ams-OSRAM AG AS1302 Datasheet HTML 12Page - ams-OSRAM AG AS1302 Datasheet HTML 13Page - ams-OSRAM AG AS1302 Datasheet HTML 14Page - ams-OSRAM AG AS1302 Datasheet HTML 15Page - ams-OSRAM AG AS1302 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
10 - 18
AS1302
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Functional Description
The AS1302 is a high efficiency and low noise switched capacitor DC-DC converter that is capable of boost operation.
It is equipped with two built-in coupled H-bridge type switch configurations. Based on the value of the output voltage
the system automatically initiates mode-switching to achieve the highest possible efficiency. The regulation of the
output voltage is achieved by a regulation loop, which modulates the current drive capability of the power transistors so
that the amount of charge transferred from the input to the output at each clock cycle is controlled and is equal to the
charge needed by the load.
Regulation Loop
The AS1302 operates at a constant frequency. For the regulation loop power transistors, a resistor divider and an error
amplifier are used to keep the output voltage within the allowed limits. The error amplifier takes the feedback and
reference signals as inputs and generates the error voltage signal. The error voltage controls a driver that triggers the
gate voltage of the power transistor which modulates the current drive capability of the power amplifier. The modulated
transistor controls the charge transferred from the input to the output and therefore the regulation of the output is
realized. This regulation concept which is based on adjusting the amount of charge transferred, delivers the smallest
voltage ripple possible.
Figure 32. AS1302 - Functional Block Diagram
Light/Heavy Load Monitor
To detetect the output current in the 2:3 and in the 1:2 mode, a current sense is used. The device switches to a lower
switching frequency (49kHz typ), due to a detected light-load condition. With this frequency an excellent light-load
efficiency is achieved and no audible noise is generated. If the load is increasing (typically more than 3mA), the device
operates at 1.2MHz.
+
VBATT
CBAT
VOUT
COUT
C1+
C1-
C2+
C2-
EN
CFLY1
CFLY2
Double-H Bridge
Topology
Vmode
Vctrl
Ref
POR
Temp
State Machine
&
Control Logic
Mode
Select
GND
CLK
AS1302
On
Off
Bias
it
() t
d
∫
Soft-
start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com