Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet (PDF) - ams AG

AS1302 Datasheet PDF - ams AG
Part # AS1302
Download  AS1302 Download
File Size   1486.51 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1302 Datasheet PDF - ams AG

Part # AS1302
Download  AS1302 Click to download

File Size   1486.51 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 5V/30mA Adaptive Inductorless Boost Converter

AS1302 Datasheet (HTML) - ams AG




Similar Part No. - AS1302

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
logo
ams-OSRAM AG
AS1302 AMSOSRAM-AS1302 Datasheet
1Mb / 20P
5V/30mA Adaptive Inductorless Boost Converter
Revision 1.03
logo
ams AG
AS1302-BTDT AMSCO-AS1302-BTDT Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
logo
ams-OSRAM AG
AS1302-BTDT AMSOSRAM-AS1302-BTDT Datasheet
1Mb / 20P
5V/30mA Adaptive Inductorless Boost Converter
Revision 1.03
logo
ams AG
AS1302-BWLT AMSCO-AS1302-BWLT Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
More results


Similar Description - AS1302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
NCP7662 ONSEMI-NCP7662 Datasheet
152Kb / 12P
INDUCTORLESS VOLTAGE CONVERTER
June, 2000 ??Rev. 0
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
AC/DC converter AC100V input, 5V/30mA output
logo
ams AG
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
5V/50mA Low Noise Inductorless Boost Converter
AS1302 AMSCO-AS1302 Datasheet
1Mb / 18P
5V/30mA Adaptive Inductorless Boost Converter
logo
Anpec Electronics Corop...
APW7277 ANPEC-APW7277 Datasheet
387Kb / 18P
5V 5A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8577 TECHCODE-TD8577 Datasheet
949Kb / 19P
5V 2.1A 1.2MHz Synchronous Boost Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com