Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1302 Datasheet(PDF) 5 Page - ams AG

Part # AS1302
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1302 Datasheet(HTML) 5 Page - ams AG

  AS1302 Datasheet HTML 1Page - ams AG AS1302 Datasheet HTML 2Page - ams AG AS1302 Datasheet HTML 3Page - ams AG AS1302 Datasheet HTML 4Page - ams AG AS1302 Datasheet HTML 5Page - ams AG AS1302 Datasheet HTML 6Page - ams AG AS1302 Datasheet HTML 7Page - ams AG AS1302 Datasheet HTML 8Page - ams AG AS1302 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
4 - 18
AS1302
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VBATT = 2.9V to 5.15V, VOUT = 5V, COUT = CBAT = 2.2µF, CFLY1 = CFLY2 =220nF, TAMB = -40 to +85ºC. Typical values
are at TAMB = +25ºC and VIN = 3.3V, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBATT(on) Undervoltage Lockout
Rising VBATT
2.8
2.9
V
VBATT(off)
Undervoltage Lockout
Falling VBATT
2.4
2.5
2.8
V
VBATT
Battery Supply Voltage
2.9
5.15
V
VOUT
Output Voltage Accurracy
IOUT = 0mA, 15mA
4.85
5.0
5.15
V
ΔVO/ΔIO11 Load Regulation in 1:1 Mode
VBATT = 5.4V, IOUT = 10~30mA
2
mV/mA
ΔVO/ΔIO23 Load Regulation in 2:3 Mode
VBATT = 4.3V, IOUT = 10~30mA
3
ΔVO/ΔIO12 Load Regulation in 1:2 Mode
VBATT = 3.3V, IOUT = 10~30mA
3
Vtgr11/23
Mode Switching Voltage
1:1 / 2:3 mode, falling VBATT
5.1
V
Vtgr23/12
2:3 / 1:2 mode, falling VBATT
3.6
Mode switching voltage hysteresis
150
mV
IOUT
Load Current
1
1. The device is tested in a proprietary test mode.
30
mA
Vripple
Output Voltage Ripple
VBATT = 3.6V, IOUT = 30mA
22
mVPP
VBATT = 3.6V, IOUT = 2mA
40
mVPP
Iinr
Inrush Current
2
2. The inrush current is limited by the internal soft-start circuitry.
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
150
mA
Ishort
Short-Circuit Current
150
mA
η12
Efficiency in Switching Mode
1:2 mode, VBATT = 2.9V,
IOUT = 30mA
85
%
η23
2:3 mode, VBATT = 3.8V,
IOUT = 30mA
85
%
IOP12
Operating Quiescent Current
VBATT = 3.4V (1:2 mode without load)
240
300
µA
IOP23
VBATT = 4.5V (2:3 mode without load)
170
230
IOP11
VBATT = 5.3V (1:1 mode without load)
100
150
IOFF
Shutdown Current
EN = 0V
0.01
1
µA
Input Levels
VIH
Input High Level
pin EN
1.1
5.5
V
VIL
Input Low Level
0.0
0.4
V
Timing
fOSC
Oscillator Frequency
VBATT = 3.6V, IOUT = 30mA
0.9
1.2
1.5
MHz
VBATT = 3.6V, IOUT = 2mA
40
49
65
kHz
tSTART
Startup Time
0.5
1
ms
Thermal Regulation
TOFF
Temperature Shutdown
Temperature rising
145
ºC
Hysteresis
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com