Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1335 Datasheet(PDF) 11 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 11 Page - ams AG

Back Button AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG AS1335 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 18
AS1335
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1335 is perfect for mobile communications equipment, LED matrix displays, bar-graph displays, instrument-
panel meters, dot matrix displays, set-top boxes, white goods, professional audio equipment, medical equipment,
industrial controllers to name a few applications.
Figure 19. AS1335 - Step-Down Converter, Single Li-Ion to 1.0V / 1.5A fixed Output
Figure 20. AS1335 - Step-Down Converter, Single Li-Ion to 3.3V adjustable Output
AS1335-100
COUT
100µF
CIN
22µF
VIN
2.7V to 4.2V
VOUT
1.0V, 1.5A
2.2µH
NC
GND
VIN
SW
POK
FB
EN
GND
PGND
RSI
100k
Ω
AS1335-AD
COUT
100µF
CIN
22µF
VIN
3.35V to 5.25V
VOUT
3.3V
2.2µH
NC
GND
VIN
SW
POK
EN
GND
PGND
RSI
100k
Ω
470k
Ω
100k
Ω
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com