Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 11 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 11 Page - ams AG

Back Button AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG AS1341_1 Datasheet HTML 10Page - ams AG AS1341_1 Datasheet HTML 11Page - ams AG AS1341_1 Datasheet HTML 12Page - ams AG AS1341_1 Datasheet HTML 13Page - ams AG AS1341_1 Datasheet HTML 14Page - ams AG AS1341_1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
11 - 17
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Setting Current Limit
The AS1341 adjustable peak current limit is set by connecting ILIMIT as shown in Table 4.
The current limit chosen should reflect the maximum load current. The maximum output current is half of the peak cur-
rent limit. Choosing a lower current limit allows using an inductor with a lower current rating, however, it requires a
higher inductance (see Inductor Selection) and does not allow for reduced inductor package size.
Inductor Selection
The AS1341 operates with a wide range of inductance values. For most applications, values between 10µH and 47µH
work best with the controller’s high switching frequency. Larger inductor values will reduce the switching frequency and
thereby improve efficiency and EMI.
Note: The four key factors in inductor selection are inductance value, saturation rating, series resistance, and size.
The trade-off for improved efficiency is a higher output ripple and slower transient response. On the other hand, low-
value inductors respond faster to transients, improve output ripple, offer smaller physical size, and minimize cost. If the
inductor value is too small, the peak inductor current exceeds the current limit due to current-sense comparator propa-
gation delay, potentially exceeding the inductor’s current rating. Calculate the minimum inductance value as follows:
LMIN = ((VINMAX - VOUTPUT) x tONMIN/ILXPEAK
(EQ 3)
Where:
tONMIN = 1µs
The inductor saturation current rating must be greater than the peak switch current limit, plus the overshoot due to the
250ns current-sense comparator propagation delay. Saturation occurs when the magnetic flux density of the inductor
reaches the maximum level the core can support and the inductance starts to fall. Choose an inductor with a saturation
rating greater than IPEAK in the following equation:
IPEAK = (ILXPEAK + (VIN - VOUTPUT) x 250ns)/L
(EQ 4)
Inductor series resistance affects both efficiency and dropout voltage (see Dropout Voltage on page 9). High series
resistance limits the maximum current available at lower input voltages, and increases the dropout voltage. For opti-
mum performance, select an inductor with the lowest possible DC resistance that fits in the allotted dimensions.
Table 4. Setting Peak Current Limit
Current Limit
ILIMIT Connected To
700mA
GND
1400mA
IN
Table 5. Recommended Inductors
Part Number
L
DCR
Current Rating
Manufacturer
MSS6132-103ML
10µH
85m
Ω
1.4A
Coilcraft
www.coilcraft.com
LPS4018-472ML
4.7µH
125m
Ω
1.8A
MSS6132-393ML
39µH
345m
Ω
0.8A
LPS4018-223ML
22µH
360m
Ω
0.7A
CDRH6D28NP-150
15µH
62m
Ω
1.4A
Sumida
www.sumida.com
CDRH5D18NP-4R1
4.1µH
57m
Ω
1.95A
CDRH6D28NP-470
47µH
176m
Ω
0.8A
CDRH5D18NP-220
22µH
215m
Ω
0.8A
LQH66SN-100M03
10µH
36m
Ω
1.6A
Murata
www.murata.com
LQH55DN-150M03
15µH
150m
Ω
1.4A
LQH66SN-470M03
47µH
170m
Ω
0.8A
LQH55DN-470M03
47µH
400m
Ω
0.8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com