Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1341 Datasheet(PDF) 14 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 14 Page - ams AG

Back Button AS1341_1 Datasheet HTML 9Page - ams AG AS1341_1 Datasheet HTML 10Page - ams AG AS1341_1 Datasheet HTML 11Page - ams AG AS1341_1 Datasheet HTML 12Page - ams AG AS1341_1 Datasheet HTML 13Page - ams AG AS1341_1 Datasheet HTML 14Page - ams AG AS1341_1 Datasheet HTML 15Page - ams AG AS1341_1 Datasheet HTML 16Page - ams AG AS1341_1 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
14 - 17
AS1341
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
PC Board Layout and Grounding
High switching frequencies and large peak currents make PC board layout an important part of AS1341-based
designs. Good PCB layout can avoid switching noise being introduced into the feedback path, resulting in jitter, insta-
bility, or degraded performance.
- High-power traces (see Figure 22 on page 10) should be as short and wide as possible.
- The current loops formed by the external components (CIN, COUT, L1, and D1 see Figure 22 on page 10) should
be as short as possible to avoid radiated noise. Connect the ground pins of these power components at a com-
mon node in a star-ground configuration.
- Separate noisy traces, such as the LX node, from the feedback network with grounded copper.
- Keep the extra copper on the PCB and integrate it into a pseudo-ground plane.
- When using external feedback, place the resistors as close to pin FB as possible to minimize noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com