Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1343 Datasheet(PDF) 9 Page - ams AG

Part # AS1343
Description  42V, 1-2 Cells, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1343 Datasheet(HTML) 9 Page - ams AG

Back Button AS1343 Datasheet HTML 5Page - ams AG AS1343 Datasheet HTML 6Page - ams AG AS1343 Datasheet HTML 7Page - ams AG AS1343 Datasheet HTML 8Page - ams AG AS1343 Datasheet HTML 9Page - ams AG AS1343 Datasheet HTML 10Page - ams AG AS1343 Datasheet HTML 11Page - ams AG AS1343 Datasheet HTML 12Page - ams AG AS1343 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
9 - 17
AS1343
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1343 features a current limiting circuitry, a fixed-frequency PWM architecture, power-OK circuitry, thermal pro-
tection, and an automatic powersave mode in a tiny package, and maintains high efficiency at light loads.
Figure 27. AS1343 - Block Diagram with Shutdown Disconnect Switch
Automatic powersave mode regulates the output and also reduces average current flow into the device, resulting in
high efficiency at light loads. When the output increases sufficiently, the powersave comparator output remains high,
resulting in continuous operation.
For each oscillator cycle, the power switch is enabled. A voltage proportional to switch current is added to a stabilizing
ramp and the resulting sum is delivered to the positive terminal of the PWM comparator.
The error amplifier compares the voltage at FB with the internal 1.25V reference and generates an error signal (VC).
When VC is below the powersave mode threshold voltage the automatic powersave-mode is activated and the hyster-
etic comparator disables the power circuitry, with only the low-power circuitry still active (total current consumption is
minimized).
When a load is applied, VFB decreases; VC increases and enables the power circuitry and the device starts switching.
In light loads, the output voltage (and the voltage at FB) will increase until the powersave comparator disables the
power circuitry, causing the output voltage to decrease again. This cycle is repeated resulting in low-frequency ripple at
the output.
POK Function
The POK output indicates if the output voltage is within 90% of the nominal voltage level. As long as the output voltage
is within regulation the open-drain POK output is high impedance. The POK output can be tied to any external voltage
up to a maximum of 5V via a pull-up resistance R3 (see Typical Application on page 10). If the output voltage drops
below 90% of the nominal voltage the POK pin is pulled to GND.
Note:
It is important to consider that in shutdown mode the POK output is pulled to VCC in order to save current.
AS1343
+
–
PWM
Control
Slope
Compensator
1 MHz
Spread
Spectrum
Ramp
Generator
+
–
Powersave
Operation
Control
–
Shutdown
Control
PWM
Comp
Σ
+
–
1.25V
Ref
Sync Drive
Control
VOUT
Good
1.13V
gm Error
Amp
Shutdown
Powersave
0.9
Ω
NMOS
R2
R1
D1
COUT
4.7µF
Output Voltage
5.5V to 42V
CIN
10µF
Input Voltage
0.9V to 3.6V
Current
Sense
RC
CP2
CC
PGND
5
1
EN
10
FB
7
SWOUT
6
LX
VC
9
VOUT
GND
3
GND
8
0.3
Ω
PMOS
4
VCC
2
POK
L1
6.8µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com