Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1343 Datasheet(PDF) 4 Page - ams AG

Part # AS1343
Description  42V, 1-2 Cells, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1343 Datasheet(HTML) 4 Page - ams AG

  AS1343 Datasheet HTML 1Page - ams AG AS1343 Datasheet HTML 2Page - ams AG AS1343 Datasheet HTML 3Page - ams AG AS1343 Datasheet HTML 4Page - ams AG AS1343 Datasheet HTML 5Page - ams AG AS1343 Datasheet HTML 6Page - ams AG AS1343 Datasheet HTML 7Page - ams AG AS1343 Datasheet HTML 8Page - ams AG AS1343 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
4 - 17
AS1343
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = EN = 3.6V, TAMB = -40 to +85ºC (unless otherwise specified). Typ values are at TAMB = +25ºC.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Minimum Start-Up Voltage
VOUT = 12V, ILOAD = 1mA
0.95
1
V
VCC
Supply Voltage
0.9
3.6
V
VOUT
Output Voltage Range
5.5
42
V
IQ
Quiescent Current
VOUT = 6V, VFB=1.3V
22
30
µA
ISHDN
Shutdown Current
EN = GND, TAMB = +25ºC
0.02
1
µA
EN = GND
3
µA
ΔVLNR
VCC Line Regulation
VOUT = 15V, ILOAD = 1mA,
VCC = 1.8 to 3.6V
0.05
%/V
ΔVLDR
Load Regulation
VOUT = 15V,
ILOAD = 0 to 20mA
0.01
%/mA
η
Efficiency
L1 = 6.8µH, VOUT = 12V, ILOAD = 50mA
85
%
VFB
Feedback Voltage
1.225
1.25
1.275
V
IFB
Feedback Input Bias Current
VFB = 1.3V
1
100
nA
DC-DC Switches
ILX(MAX)
LX Switch Current Limit
1.45
A
RLX
NMOS Switch On-
Resistance
ILX = 100mA
0.9
1.5
Ω
RP_ON
PMOS Switch On-
Resistance
ISWout = -100mA
0.3
1.0
ILX_LEAK
LX Leakage Current
VLX = 42V
15
nA
IP_LEAK
Switch Leakage Current
P-channel
10
Control Inputs
VIH
EN Input Threshold
0.9V
≤ VCC ≤ 3.6V
0.8 x
VCC
V
VIL
0.2 x
VCC
IEN
EN Input Current
VEN = 0 to 3.6V
1
nA
POK Output
VOL
POK Output Low Voltage
POK sinking 1mA
0.01
0.2
V
POK Output High Leakage
Current
POK = 3.6V
1
500
nA
POK Threshold
Falling edge, referenced to VOUT(NOM)
87
90
93
%
Oscillator
fCLK
Oscillator Frequency
0.85
1
1.15
MHz
Maximum Duty Cycle
90
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com