Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2066RBF Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2066RBF
Description  10-16GHz Self biased Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066RBF Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2066RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA2066RBF
10-16GHz Low Noise Amplifier
Ref. : DSCHA2066RBF2317 -13-Nov.-02
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Output power @ 1dB compression (dBm)
0
2
4
6
8
10
12
14
16
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com