Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2066RBF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2066RBF
Description  10-16GHz Self biased Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2066RBF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2066RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 7Page - United Monolithic Semiconductors CHA2066RBF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2066RBF
Ref. : DSCHA2066RBF2317 -13-Nov.-02
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
10-16GHz Self biased Low Noise Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a two-stage self biased wide
band monolithic low noise amplifier.
The MMIC is manufactured with a standard
PM-HEMT process: 0.25µm gate length,
via holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in a new SMD leadless chip
carrier.
Main Features
■ Broad band performance: 10-16GHz
■ Gain = 15dB (typical)
■ Noise Figure 2.0dB (typical)
■ Output power (P-1dB) 13dBm (typical)
■ Return loss < -6dB
■ SMD leadless package
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMD Package Dimensions
"Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors. It is indicated
by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on the backside of the
package
(i.e.
side
with
metallic
pads)
is
just
for
fabrication
purposes
and
does
NOT
indicate
the
location
of
PIN
1."


Similar Part No. - CHA2066RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066 Datasheet
156Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066-99F/00 UMS-CHA2066-99F/00 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
CHA2066-99F/00 UMS-CHA2066-99F/00 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
More results

Similar Description - CHA2066RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2066 UMS-CHA2066 Datasheet
128Kb / 8P
10-16GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
INA-12063 HP-INA-12063 Datasheet
351Kb / 24P
1.5 GHz Low Noise Self-Biased Transistor Amplifier
logo
Infineon Technologies A...
BGC405 INFINEON-BGC405 Datasheet
129Kb / 10P
Self-Biased BFP405
A13, 06/00
logo
United Monolithic Semic...
CHA2066-QAG UMS-CHA2066-QAG Datasheet
299Kb / 12P
10-16GHz Low Noise Amplifier
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
5.8-16GHz Low Noise Amplifier
CHA2066 UMS-CHA2066_04 Datasheet
117Kb / 8P
10-16GHz Low Noise Amplifier
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
10 - 16GHz 20 dBm Amplifier
logo
United Monolithic Semic...
CHA2066 UMS-CHA2066_15 Datasheet
156Kb / 8P
10-16GHz Low Noise Amplifier
CHA3666-SNF UMS-CHA3666-SNF_15 Datasheet
686Kb / 10P
5.8-16GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
6-16GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com