Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2069RAF Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2069RAF
Description  18-31GHz Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069RAF Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2069RAF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHA2069RAF
18-31GHz Low Noise Amplifier
Ref. : DSCHA2069RAF2169 -18-June-02-
2/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Schematic
Typical Bias Conditions
for an ambient Temperature of +25°C
Symbol
Pin No.
Parameter
Values
Unit
Vdd
6
Drain bias voltage
4.5
V
Idd
6
Drain current
55
mA
All other pins are not used for this device.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5.0
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Top
Operating temperature range (3)
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Duration < 1s.
(3) Upper temperature limit strongly dependent on motherboard design; ratings given for
ideal thermal coupling



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com