Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2069RAF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2069RAF
Description  18-31GHz Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069RAF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2069RAF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069RAF Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA2069RAF
Ref. : DSCHA2069RAF2169 -18-June-02-
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
18-31GHz Low Noise Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a three-stage self biased wide
band monolithic low noise amplifier.
The MMIC is manufactured with a standard
PM-HEMT process: 0.25µm gate length,
via holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in a new SMD leadless chip
carrier.
Main Features
■ Broad band performance: 18-31GHz
■ Gain = 21dB (typical)
■ Noise Figure 3.0 dB (typical for f<26GHz)
■ Return loss < -6dB
■ SMD leadless package
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMD Package Dimensions
Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic
Semiconductors. It is indicated by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view).
ATTENTION: The dot on the backside of the package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the
location of PIN 1.


Similar Part No. - CHA2069RAF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-99F/00 UMS-CHA2069-99F/00 Datasheet
167Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA Datasheet
383Kb / 10P
16-32GHz Low Noise Amplifier
More results

Similar Description - CHA2069RAF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B Datasheet
87Kb / 6P
18-32GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
2 - 18 GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
18-30GHz Low Noise Amplifier
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
18-30GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
CHA2092B UMS-CHA2092B_15 Datasheet
107Kb / 6P
18-32GHz Low Noise Amplifier
CHA2260-QAG UMS-CHA2260-QAG_15 Datasheet
555Kb / 14P
18-27GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com