Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2092B Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2092B
Description  18-32GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2092B Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2092B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA2092b
18-32GHz Low Noise Amplifier
Ref. : DSCHA20921233 21-August-01
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Gain vs Frequency and Vgs123 (Vdd=3.5V)
-16
-14
-12
-10
-8
-6
-4
-2
0
20,00
21,00
22,00
23,00
24,00
25,00
26,00
27,00
28,00
29,00
30,00
Frequency (GHz)
-0,36
-0,50
-0,60
-0,70
-0,80
-0,90
-1,00
dBS11 vs Frequency and Vgs1 (Vdd=3.5V; Vgs23=-0.3V)
-
20,0
40,0
60,0
80,0
100,0
120,0
-0,70
-0,65
-0,60
-0,55
-0,50
-0,45
-0,40
-0,35
-0,30
Vgs123 (V)
Ids vs Vgs123 (Vdd=3.5V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com