Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2092B Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA2092B
Description  18-32GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2092B Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA2092B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
18-32GHz Low Noise Amplifier
CHA2092b
Ref. : DSCHA20921233 21-August-01
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
IN
OUT
100pF
100pF
To Vdd DC Drain supply feed
To Vgs DC Gate supply feed.
100pF
To Vgs DC Gate supply feed
to ajust NF.
8831
Note : Supply feed should be capacitively bypassed.
1670 +/- 10
1005
385
325
970 +/- 10
385
920
8831
Bonding pad positions.
( Chip thickness : 100µm. All dimensions are in micrometers )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com