Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 11 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 11 Page - ams AG

Back Button AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG AS1360_1 Datasheet HTML 10Page - ams AG AS1360_1 Datasheet HTML 11Page - ams AG AS1360_1 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.austriamicrosystems.com/AS1360
Revision 1.04
11 - 12
AS1360
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 4.
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering
Code
Marking
Description
Delivery Form
Package
AS1360-18-T
ASKD
HV low-quiescent current LDO, 1.8V
Tape and Reel
3-pin SOT23
AS1360-21-T
ASRO
HV low-quiescent current LDO, 2.1V
Tape and Reel
3-pin SOT23
AS1360-25-T
ASKE
HV low-quiescent current LDO, 2.5V
Tape and Reel
3-pin SOT23
AS1360-30-T
ASKF
HV low-quiescent current LDO, 3.0V
Tape and Reel
3-pin SOT23
AS1360-33-T
ASKG
HV low-quiescent current LDO, 3.3V
Tape and Reel
3-pin SOT23
AS1360-50-T
ASKH
HV low-quiescent current LDO, 5.0V
Tape and Reel
3-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com