Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 1 Page - ams AG

Part # AS1360
Description  1.5uA Low-Power, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 1 Page - ams AG

  AS1360_1 Datasheet HTML 1Page - ams AG AS1360_1 Datasheet HTML 2Page - ams AG AS1360_1 Datasheet HTML 3Page - ams AG AS1360_1 Datasheet HTML 4Page - ams AG AS1360_1 Datasheet HTML 5Page - ams AG AS1360_1 Datasheet HTML 6Page - ams AG AS1360_1 Datasheet HTML 7Page - ams AG AS1360_1 Datasheet HTML 8Page - ams AG AS1360_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AS1360
1.5µA Low-Power, Positive Vo ltage Regulator
www.austriamicrosystems.com/AS1360
Revision 1.04
1 - 12
Datasheet
1 General Description
The AS1360 low-power, positive voltage regulator was
designed to deliver up to 250mA while consuming only
1.5µA of quiescent current. The device is available in
fixed output voltages of 1.8, 2.1, 2.5, 3.0, 3.3, and 5.0V.
The device features integrated short-circuit and overcur-
rent protection.
The wide input voltage range, low-dropout voltage, and
high-accuracy output voltage makes the device perfectly
suited for 2- and 3-cell battery-powered and portable
applications.
The low dropout voltage (650mV) prolongs battery life
and allows high current in small applications when oper-
ated with minimum input-to-output voltage differentials.
The device features very stable output voltage (using
only 1µF tantalum or aluminum-electrolytic capacitors),
strict output voltage regulation tolerances (±0.5%), and
excellent line-regulation.
The AS1360 is available in a 3-pin SOT23 package.
Figure 1. AS1360 - Block Diagram
2 Key Features
!
Low Quiescent Current: 1.5µA
!
Input Voltage Range: Up to 20V
!
Low Dropout Voltage
- 250mV @ 100mA
- 400mV @ 200mA
!
Fixed Output Voltages: 1.8, 2.1, 2.5, 3.0, 3.3, 5.0V
!
High Output Current: 250mA (VOUT = 5.0V)
!
High-Accuracy Output Voltage: ±1.5%
!
Exceptional Line Regulation: 0.1%/V
!
Low Temperature Drift: ±100ppm/ºC
!
Integrated Short-Circuit and Overcurrent Protection
!
3-pin SOT23 Package
3 Applications
The device is ideal for mobile phones, PDAs, digital
cameras, smart battery packs, battery-powered alarms,
solar-powered instruments, intelligent instruments, CO2
and smoke detectors, CPU power supplies, and any bat-
tery-powered application.
+
–
Short-Circuit
Protection
GND
1
3
VIN
2
VOUT
Voltage
Reference
AS1360


Similar Part No. - AS1360_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360-18-T AMSCO-AS1360-18-T Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360 AMSCO-AS1360_11 Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
More results

Similar Description - AS1360_1

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6217 HMSEMI-HM6217 Datasheet
451Kb / 7P
250mA Loaded, 1.5uA Low Power, Suppressed Output Overshoot, 30V High-Voltage Linear Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6239 HMSEMI-HM6239 Datasheet
568Kb / 7P
250mA load, 1.5uA low power consumption, 30V high withstand voltage linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com