Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530 Datasheet(PDF) 26 Page - ams AG

Part # AS1530
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530 Datasheet(HTML) 26 Page - ams AG

Back Button AS1530_1 Datasheet HTML 21Page - ams AG AS1530_1 Datasheet HTML 22Page - ams AG AS1530_1 Datasheet HTML 23Page - ams AG AS1530_1 Datasheet HTML 24Page - ams AG AS1530_1 Datasheet HTML 25Page - ams AG AS1530_1 Datasheet HTML 26Page - ams AG AS1530_1 Datasheet HTML 27Page - ams AG AS1530_1 Datasheet HTML 28Page - ams AG AS1530_1 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
26 - 29
AS1530/AS1531
Data Sheet - Ap p lica tio n In fo r m a tio n
Layout Considerations
The AS1530/AS1531 require proper layout and design procedures for optimum performance.
!
Use printed circuit boards; wirewrap boards should not be used.
!
Analog and digital traces should be separate and should not run parallel to each other (especially clock traces).
!
Digital traces should not run beneath the AS1530/AS1531.
!
Use a single-point analog ground at GND, separate from the digital ground (see Figure 36). Connect all other ana-
log grounds and DGND to this star ground point for further noise reduction. No other digital system ground should
be connected to this single-point analog ground. The ground return to the power supply for this ground should be
low impedance and as short as possible for noise-free operation.
!
High-frequency noise in the VDD power supply may affect the AS1530/AS1531 high-speed comparator. Bypass
this supply to the single-point analog ground with 0.1µF and 4.7µF bypass capacitors. Bypass capacitors should
be as close to the device as possible for optimum power supply noise-rejection. If the power supply is very noisy, a
10
Ω resistor can be connected as a low-pass filter to attenuate supply noise (see Figure 36).
Figure 36. Recommended GND Design
Power
Supplies
Digital
Circuitry
+
+
10
Ω
(Optional)
9
COM
VDD1
GND
GND
VDD2
DGND
VDD
19
VDD2
13
GND
20
VDD1
AS1530/
AS1531
10
VDD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com