Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530 Datasheet(PDF) 27 Page - ams AG

Part # AS1530
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530 Datasheet(HTML) 27 Page - ams AG

Back Button AS1530_1 Datasheet HTML 21Page - ams AG AS1530_1 Datasheet HTML 22Page - ams AG AS1530_1 Datasheet HTML 23Page - ams AG AS1530_1 Datasheet HTML 24Page - ams AG AS1530_1 Datasheet HTML 25Page - ams AG AS1530_1 Datasheet HTML 26Page - ams AG AS1530_1 Datasheet HTML 27Page - ams AG AS1530_1 Datasheet HTML 28Page - ams AG AS1530_1 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
27 - 29
AS1530/AS1531
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
Figure 37. 20-pin TSSOP Package
Symbol
Min
Typ
Max
Notes
A-
-
1.10
1,2
A1
0.05
-
0.15
1,2
A2
0.85
0.90
0.95
1,2
L
0.50
0.60
0.75
1,2
R0.09
-
-
1,2
R1
0.09
-
-
1,2
b
0.19
-
0.30
1,2,5
b1
0.19
0.22
0.25
1,2
c
0.09
-
0.20
1,2
c1
0.09
-
0.16
1,2
θ1
0º
-
8º
1,2
L1
1.0REF
1,2
aaa
0.10
1,2
bbb
0.10
1,2
ccc
0.05
1,2
ddd
0.20
1,2
e
0.65BSC
1,2
θ212ºREF
1,2
θ312ºREF
1,2
Variations
D
6.40
6.50
6.60
1,2,3,8
E1
4.30
4.40
4.50
1,2,4,8
E
6.4BSC
1,2
e
0.65BSC
1,2
N
20
1,2,6
Notes:
1. All dimensions are in millimeters; angles in degrees.
2. Dimensioning and tolerancing per ASME Y14.5M – 1994.
3. Dimension D does not include mold flash, protrusions, or gate
burrs. Mold flash, protrusions, and gate burrs shall not exceed
0.15mm per side.
4. Dimension E1 does not include interlead flash or protrusion.
Interlead flash or protrusions shall not exceed 0.25mm per
side.
5. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm total in excess of the b
dimension at maximum material condition. Dambar cannot be
located on the lower radius of the foot.
6. Terminal numbers are for reference only.
7. Datums A and B to be determined at datum plane H.
8. Dimensions D and E1 are to be determined at datum plane H.
9. This dimension applies only to variations with an even number
of leads per side.
10. Cross section A-A to be determined at 0.10 to 0.25mm from
the leadtip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com