Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1531 Datasheet(PDF) 23 Page - ams AG

Part # AS1531
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1531 Datasheet(HTML) 23 Page - ams AG

Back Button AS1531 Datasheet HTML 19Page - ams AG AS1531 Datasheet HTML 20Page - ams AG AS1531 Datasheet HTML 21Page - ams AG AS1531 Datasheet HTML 22Page - ams AG AS1531 Datasheet HTML 23Page - ams AG AS1531 Datasheet HTML 24Page - ams AG AS1531 Datasheet HTML 25Page - ams AG AS1531 Datasheet HTML 26Page - ams AG AS1531 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
23 - 29
AS1530/AS1531
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
Initialization
When power is first applied to the AS1530/AS1531 internal power-on reset circuitry sets the devices for normal opera-
tion. At this point, the devices can perform data conversions with CSN held low.
Note:
The device requires 10µs after the power supplies stabilize; no conversions should be initiated during this time.
The digital output at pin DOUT will be all 0s until an analog-to-digital conversion is initiated.
Serial Interface
The AS1530/AS1531 fully support SPI, QSPI, and Microwire interfaces. For SPI, select the correct clock polarity and
sampling edge in the SPI control registers (set CPOL = 0 and CPHA = 0).
Note:
Microwire, SPI, and QSPI all transmit a byte and receive a byte at the same time.
Using the circuit shown in Figure 33 on page 24, the simplest software interface requires only three 8-bit transfers to
perform a conversion (one 8-bit transfer to configure the AS1530/AS1531, and two more 8-bit transfers to clock out the
12-bit conversion result).
Serial Interface Configuration
The following steps describe how to configure the serial interface:
1. Confirm that the CPU serial interface is in master mode (so the CPU generates the serial clock).
2. Choose a clock frequency from 500kHz to 6.4MHz (AS1530) or 4.8MHz (AS1531).
3. Set up the control byte and call it TB1. TB1 should be in the format 1XXXXXXX binary, where the Xs indicate the
selected channel, conversion mode, and power mode.
4. Use a general-purpose I/O line on the CPU to pull CSN low.
5. Transmit TB1 and simultaneously receive a byte (RB1). Ignore this byte.
6. Transmit a byte of all zeros ($00h) and simultaneously receive byte RB2.
7. Transmit a byte of all zeros ($00h) and simultaneously receive byte RB3.
8. Pull CSN high.
Bytes RB2 and RB3 (see Figure 21 on page 17) contain the results of the conversion, padded with three leading zeros
and one trailing zero. The total conversion time is a function of the serial-clock frequency and the amount of idle time
between 8-bit transfers. To avoid excessive track/hold droop, make sure the total conversion time does not exceed
120µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com