Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1531 Datasheet(PDF) 24 Page - ams AG

Part # AS1531
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1531 Datasheet(HTML) 24 Page - ams AG

Back Button AS1531 Datasheet HTML 20Page - ams AG AS1531 Datasheet HTML 21Page - ams AG AS1531 Datasheet HTML 22Page - ams AG AS1531 Datasheet HTML 23Page - ams AG AS1531 Datasheet HTML 24Page - ams AG AS1531 Datasheet HTML 25Page - ams AG AS1531 Datasheet HTML 26Page - ams AG AS1531 Datasheet HTML 27Page - ams AG AS1531 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
24 - 29
AS1530/AS1531
Data Sheet - Ap p lica tio n In fo r m a tio n
Figure 33. Operational Diagram
QSPI Interface
The AS1530/AS1531 can interface with QSPI using the circuit in Figure 34 (fSCLK = 4.0MHz, CPOL = 0, CPHA = 0).
This QSPI circuit can be programmed to do a conversion on each of the eight channels. The result is stored in memory
without affecting CPU performance, since QSPI incorporates a micro-sequencer.
Figure 34. QSPI Interface Connections
+2.5V
Analog
Inputs
0.1µF
12
REFADJ
20
VDD1
4.7µF
1
CH0
19
VDD2
13
GND
17
CSN
14
DOUT
15
SSTRB
CPU
VDD
I/O
18
SCLK
16
DIN
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
0.1µF
+3 to +5V
11
REF
AS1530/
AS1531
10
VDD3
.
.
.
8
CH7
9
COM
10µF
+2.5V
Analog
Inputs
0.1µF
12
REFADJ
11
REF
4.7µF
1
CH0
8
CH7
13
GND
14
DOUT
15
SSTRB
CPU
PCSO
SCK
MOSI
MISO
GND
0.1µF
17
CSN
16
DIN
18
SCLK
+
10µF
Power
Supplies
+3 or
+5V
+3 or
+5V
AS1530/
AS1531
20
VDD1
19
VDD2
10
VDD3
.
.
.
9
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com