Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 31 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 31 Page - ams AG

Back Button AS1545_1 Datasheet HTML 26Page - ams AG AS1545_1 Datasheet HTML 27Page - ams AG AS1545_1 Datasheet HTML 28Page - ams AG AS1545_1 Datasheet HTML 29Page - ams AG AS1545_1 Datasheet HTML 30Page - ams AG AS1545_1 Datasheet HTML 31Page - ams AG AS1545_1 Datasheet HTML 32Page - ams AG AS1545_1 Datasheet HTML 33Page - ams AG AS1545_1 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
www.austriamicrosystems.com
Revision 1.01
31 - 34
AS1545
Datasheet - A p p l i c a t i o n H i n t s
11 Application Hints
Grounding and Layout
The analog and digital supplies to the AS1545 are independent and separately pinned out to minimize coupling
between the analog and digital sections of the device. The printed circuit board (PCB) that houses the AS1545 should
be designed so that the analog and digital sections are separated and confined to certain areas of the board. This
design facilitates the use of ground planes that can be easily separated.
To provide optimum shielding for ground planes, a minimum etch technique is generally best. All three AGND pins of
the AS1545 should be sunk in the AGND plane. Digital and analog ground planes should be joined in only one place. If
the AS1545 is in a system where multiple devices require an AGND to DGND connection, the connection should still
be made at one point only, a star ground point that should be established as close as possible to the ground pins on
the AS1545.
Avoid running digital lines under the device as this couples noise onto the die. However, the analog ground plane
should be allowed to run under the AS1545 to avoid noise coupling. The power supply lines to the AS1545 should use
as large a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply
line.
To avoid radiating noise to other sections of the board, fast switching signals, such as clocks, should be shielded with
digital ground, and clock signals should never run near the analog inputs. Avoid crossover of digital and analog
signals. To reduce the effects of feedthrough within the board, traces on opposite sides of the board should run at right
angles to each other. A microstrip technique is the best method but is not always possible with a double-sided board.
In this technique, the component side of the board is dedicated to ground planes, while signals are placed on the
solder side.
Good decoupling is also important. All analog supplies should be decoupled with 10 µF ceramic capacitors in parallel
with 0.1 µF capacitors to GND. To achieve the best results from these decoupling components, they must be placed as
close as possible to the device, ideally right up against the device. The 0.1 µF capacitors should have low effective
series resistance (ESR) and effective series inductance (ESI), such as the common ceramic types or surface-mount
types. These low ESR and ESI capacitors provide a low impedance path to ground at high frequencies to handle
transient currents due to internal logic switching.
PCB Design Guidelines for TQFN
The lands on the TQFNpackage are rectangular. The PCB pad for these should be 0.1 mm longer than the package
land length, and 0.05 mm wider than the package land width, thereby having a portion of the pad exposed. To ensure
that the solder joint size is maximized, the land should be centered on the pad.
The bottom of the chip scale package has a thermal pad. The thermal pad on the PCB should be at least as large as
the exposed pad. On the PCB, there should be a clearance of at least 0.25 mm between the thermal pad and the inner
edges of the pad pattern to ensure that shorting is avoided.
To improve thermal performance of the package, use thermal via on the PCB incorporating them in the thermal pad at
1.2 mm pitch grid. The via diameter should be between 0.3 mm and 0.33 mm, and the via barrel should be plated with
1 oz. copper to plug the via. The user should connect the PCB thermal pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com