Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 32 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 32 Page - ams AG

Back Button AS1545_1 Datasheet HTML 26Page - ams AG AS1545_1 Datasheet HTML 27Page - ams AG AS1545_1 Datasheet HTML 28Page - ams AG AS1545_1 Datasheet HTML 29Page - ams AG AS1545_1 Datasheet HTML 30Page - ams AG AS1545_1 Datasheet HTML 31Page - ams AG AS1545_1 Datasheet HTML 32Page - ams AG AS1545_1 Datasheet HTML 33Page - ams AG AS1545_1 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.austriamicrosystems.com
Revision 1.01
32 - 34
AS1545
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
12 Package Drawings and Markings
Figure 55. 32-lead TQFN Package
Notes:
1. Figure 55 is shown for illustration only.
2. All dimensions are in millimeters; angles in degrees.
3. Dimensioning and tolerancing conform to ASME Y14.5 M-1994.
4. N is the total number of terminals.
5. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95-1, SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
6. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip.
7. ND refers to the maximum number of terminals on side D.
8. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals
Table 8. 32-lead TQFN Package Dimensions
Symbol
Min
Nom
Max
Note
Symbol
Min
Nom
Max
Note
A
0.70
0.75
0.80
1,2
b
0.18
0.25
0.30
1,2,5
A1
0.00
0.02
0.05
1,2
L
0.30
0.40
0.50
1,2,5
L1
0.03
0.15
1,2
N
32
1,2,5
K
0.20
1,2
ND
8
1,2,5
e0.5
NE
8
1,2,5
D2
3.30
3.45
3.55
1,2,5
aaa
0.10
1,2
E2
3.30
3.45
3.55
1,2,5
bbb
0.10
1,2
D BSC
5.00
1,2,5
ccc
0.10
1,2
E BSC
5.00
1,2,5
ddd
0.05
1,2
Datum A or B
EVEN TERMINAL SIDE
Terminal Tip
e
e/2
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
(D/2 xE/2)
-B-
b
D2/2
D2
bbb
C A B
ddd
C
-B-
NN-1
BTM VIEW
(D/2 xE/2)
INDEX AREA
SEE
DETAIL B
SEE
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com