Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544-BTST Datasheet(PDF) 25 Page - ams AG

Part # AS1544-BTST
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544-BTST Datasheet(HTML) 25 Page - ams AG

Back Button AS1544-BTST Datasheet HTML 21Page - ams AG AS1544-BTST Datasheet HTML 22Page - ams AG AS1544-BTST Datasheet HTML 23Page - ams AG AS1544-BTST Datasheet HTML 24Page - ams AG AS1544-BTST Datasheet HTML 25Page - ams AG AS1544-BTST Datasheet HTML 26Page - ams AG AS1544-BTST Datasheet HTML 27Page - ams AG AS1544-BTST Datasheet HTML 28Page - ams AG AS1544-BTST Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
25 - 29
AS1543/44
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 35 shows a typical connection diagram for the AS1543/44. In this configuration, pin AGND, GND and DGND
connected to the analog ground plane of the system. In Figure 35, REFIN is connected to a decoupled 2.5V reference
source, to provide an analog input range of 0 to 2.5V (if RANGE (page 14) is 1 and bit SE/FDN (page 14) = 1) or 0 to
5V (if bit RANGE is 0 and bit SE/FDN = 1). In Figure 35 the AS1543/44 is connected to a VDD of 5V, however the serial
interface is connected to a 3V microprocessor.
Pin VDRIVE is connected to the same 3V supply of the microprocessor to allow a 3V logic interface. The conversion
result is output in a 16-bit word. This 16-bit data stream consists of four address bits indicating which channel the con-
version result corresponds to, followed by the 12 bits of conversion data.
Note: For applications where power consumption is of concern, the power-down modes should be used between
conversions or bursts of several conversions to improve power performance (see Power Modes on page 22).
Figure 35. Typical Application
Note: For the circuit shown in Figure 35, unused input channels should be connected to ground. For optimum perfor-
mance decouple all analog input channels and the reference input voltage to the ground of AGND.
Initialisation
When power is first applied to the AS1543/44 interal power-on reset circuitry sets the device for Auto Shutdown (PM1
= 0, PM0 = X) on page 23.
Note: The device requires 10µs after the power supplies stabilize; no conversions should be initiated during this time.
The digital output at pin DOUT will be set to tri-state after internal power-on reset.
SCLK
CSN
DOUT
DIN
VDRIVE
AS1543/44
3V
DSP/µP
0.1µF
10µF
REFIN
VDD
VIN0:3/7
4.7µF
2.5V
0V to
VREFIN
0.1µF
10µF
5V
GND
AGND
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com