Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1544-BTST Datasheet(PDF) 26 Page - ams AG

Part # AS1544-BTST
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1544-BTST Datasheet(HTML) 26 Page - ams AG

Back Button AS1544-BTST Datasheet HTML 21Page - ams AG AS1544-BTST Datasheet HTML 22Page - ams AG AS1544-BTST Datasheet HTML 23Page - ams AG AS1544-BTST Datasheet HTML 24Page - ams AG AS1544-BTST Datasheet HTML 25Page - ams AG AS1544-BTST Datasheet HTML 26Page - ams AG AS1544-BTST Datasheet HTML 27Page - ams AG AS1544-BTST Datasheet HTML 28Page - ams AG AS1544-BTST Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
26 - 29
AS1543/44
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Grounding and Layout Considerations
The AS1543/44 has excellent immunity to noise on the power supplies as can be seen by the PSRR vs. Supply Signal
Frequency graph on page 11, however, the following should be considered regarding grounding and PCB layout:
- The PCB should be designed such that the analog and digital sections are confined to separate areas of the
board. This facilitates the use of ground planes that can be separated easily. A minimum etch technique is gener-
ally best for ground planes as it gives the best shielding.
- Pins AGND and GND should be tied to the analog ground plane. Pin DGND should be tied to the digital ground
plane.
- Digital and analog ground planes should be joined at only one place. If the AS1543/44 is in a system where mul-
tiple devices require an AGND-to-DGND connection, the connection should be made at one point – a star ground
point which should be established as close as possible to the AS1543/44.
- Avoid running digital lines under the device as these will couple noise onto the die.
- The analog ground plane should be allowed to run under the AS1543/44 to avoid noise coupling.
- The power supply lines to the AS1543/44 should use as large a trace as possible to provide low-impedance
paths and reduce the effects of glitches on the power supply line.
- Fast-switching signals (e.g., clocks) should be shielded with digital ground to avoid radiating noise to other sec-
tions of the PCB.
- Clock signals should not be run near the analog inputs.
- Avoid crossover of digital and analog signals.
- Traces on opposite sides of the board should run at right angles to each other. This will reduce the effects of
feedthrough through the board. A microstrip technique is the best but is not always possible with a double-sided
board. In this technique, the component side of the board is dedicated to ground planes while signals are placed
on the solder side.
- All analog input channels and the reference input voltage should be decoupled to the ground pin of AGND.
- All analog supplies should be decoupled with 10µF tantalum in parallel with 0.1µF capacitors to GND. To achieve
the best from these decoupling components, they must be placed as close as possible to the device, ideally right
up against the device. The 0.1µF capacitors should be low ESR and ESI (e.g., common ceramic or surface
mount types) which provide a low impedance path to ground at high frequencies to handle transient currents due
to internal logic switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com