Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2094B Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2094B
Description  36-40GHz Low Noise High Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2094B Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2094B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 6Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 7Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
36-40GHz Low Noise Amplifier
CHA2094b
Ref. : DSCHA20949312 – 08-Nov.-99
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd = 3.5 Volt, Id = 60 mA.
Freq.
GHz
S11
dB
S11
//°
S12
dB
S12
//°
S21
dB
S21
//°
S22
dB
S22
//°
25,00
-2,96
165,27
-48,02
140,03
-16,95
-110,44
-10,05
-118,86
26,00
-3,22
155,96
-49,76
133,48
-11,32
-109,43
-10,84
-124,50
27,00
-3,67
144,32
-51,68
113,25
-5,73
-112,96
-11,84
-133,29
28,00
-4,43
129,06
-53,38
148,20
0,02
-123,12
-13,68
-140,35
29,00
-5,76
107,80
-51,07
153,30
5,87
-138,63
-15,98
-152,02
30,00
-8,60
75,37
-49,11
129,75
11,83
-163,77
-21,67
-162,85
31,00
-15,20
16,43
-43,10
102,32
17,22
158,34
-29,55
-46,20
32,00
-24,70
-117,32
-41,34
47,85
19,91
110,72
-17,96
-70,62
33,00
-32,32
128,04
-41,14
-5,29
20,48
71,50
-17,40
-106,13
34,00
-21,29
-38,29
-40,51
-43,14
20,60
40,20
-19,96
-133,62
35,00
-14,52
-70,72
-39,47
-69,20
20,79
12,71
-24,56
178,55
36,00
-11,33
-94,87
-38,30
-90,11
20,92
-13,60
-24,34
95,27
37,00
-9,96
-113,38
-37,80
-109,61
20,87
-38,94
-18,55
56,67
38,00
-9,89
-129,95
-35,94
-126,74
20,54
-63,47
-14,97
35,23
39,00
-10,20
-144,39
-35,21
-146,49
19,98
-85,35
-13,19
15,89
40,00
-11,51
-153,53
-34,78
-160,72
19,57
-105,56
-11,91
7,58
41,00
-13,21
-157,59
-34,26
-175,92
18,86
-125,69
-10,90
-5,61
42,00
-13,92
-154,55
-33,87
172,60
18,41
-143,91
-10,93
-16,38
43,00
-13,55
-158,17
-33,94
156,97
18,09
-160,70
-11,24
-20,60
44,00
-13,26
-169,25
-33,11
149,30
17,84
-178,94
-10,76
-22,75
45,00
-12,63
174,58
-32,50
134,15
17,56
162,79
-10,73
-25,23
46,00
-11,41
151,40
-32,48
126,00
17,17
143,77
-10,27
-26,04
47,00
-10,18
125,52
-31,57
119,05
16,79
124,08
-9,19
-30,65
48,00
-8,38
94,26
-29,97
102,75
16,21
102,47
-8,20
-37,96
49,00
-5,83
71,80
-31,11
79,31
15,23
80,21
-7,79
-48,28
50,00
-4,17
49,01
-32,37
66,58
13,86
58,54
-7,34
-61,88
51,00
-2,17
29,23
-36,86
59,57
12,36
38,69
-8,29
-75,36
52,00
-1,17
11,23
-34,48
52,60
10,48
19,05
-9,08
-85,34
53,00
-0,84
-2,48
-38,67
15,86
8,26
1,67
-9,77
-96,49
54,00
-0,55
-14,01
-40,49
-6,97
5,94
-13,96
-10,59
-106,13
55,00
-0,36
-22,96
-42,95
-5,11
3,49
-27,62
-11,16
-116,76



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com