Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2094B Datasheet (PDF) - United Monolithic Semiconductors

CHA2094B Datasheet PDF - United Monolithic Semiconductors
Part # CHA2094B
Download  CHA2094B Download
File Size   111.0 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36-40GHz Low Noise High Gain Amplifier

CHA2094B Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2094B Datasheet PDF - United Monolithic Semiconductors

Part # CHA2094B
Download  CHA2094B Click to download

File Size   111.0 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36-40GHz Low Noise High Gain Amplifier

CHA2094B Datasheet (HTML) - United Monolithic Semiconductors


CHA2094B Product details

Description
The CHA2094 is a three-stage monolithic low noise amplifier. It is designed for a wide range of applications, from military to commercial communication systems.

Main Features
• Broadband performances : 36-40GHz
• 3.0dB Noise Figure
• 21dB gain
• ±1.5dB gain flatness
• Low DC power consumption, 60mA @ 3.5V
• Chip size : 1.72 X 1.08 X 0.10 mm




Similar Part No. - CHA2094B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
More results


Similar Description - CHA2094B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com