Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2095A Datasheet (PDF) - United Monolithic Semiconductors

CHA2095A Datasheet PDF - United Monolithic Semiconductors
Part # CHA2095A
Download  CHA2095A Download
File Size   106.0 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36-40GHz Low Noise Very High Gain Amplifier

CHA2095A Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2095A Datasheet PDF - United Monolithic Semiconductors

Part # CHA2095A
Download  CHA2095A Click to download

File Size   106.0 Kbytes
Page   7 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 36-40GHz Low Noise Very High Gain Amplifier

CHA2095A Datasheet (HTML) - United Monolithic Semiconductors


CHA2095A Product details

Description
The CHA2095a is a four-stage monolithic low noise amplifier. It is designed for a wide range of applications, from military to commercial communication systems.
The circuit is manufactured with a HEMT process : 0.25µm gate length, via holes through the substrate, air bridges and electron beam gate lithography.
It is available in chip form.

Main Features
• Broadband performances
• 3.5dB Noise Figure
• 26dB gain
• ±1.0dB gain flatness
• Low DC power consumption, 90mA @ 3.5V
• Chip size : 2.07 X 1.11 X 0.10 mm




Similar Part No. - CHA2095A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2095A UMS-CHA2095A Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results


Similar Description - CHA2095A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com