Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2095A Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2095A
Description  36-40GHz Low Noise Very High Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2095A Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2095A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2095A Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
36-40GHz Low Noise Amplifier
CHA2095a
Ref. : DSCHA20958147
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd= 3.5 Volt, Vg1,2 = -0.5V, Vg3,4 = -0.3V, Id = 90 mA.
Freq.
GHz
S11
dB
S11
//°
S12
dB
S12
//°
S21
dB
S21
//°
S22
dB
S22
//°
2
-4.08
-69.3
-72.96
56.9
-33.56
147.7
-1.13
-47.0
4
-5.88
-96.9
-66.24
-10.3
-27.97
81.3
-2.97
-80.6
6
-5.85
-115.9
-64.15
-39.7
-25.45
18.8
-4.33
-103.3
8
-5.39
-131.8
-60.47
-85.0
-25.28
-35.2
-5.19
-119.2
10
-4.86
-145.7
-58.55
-120.4
-26.33
-78.4
-5.62
-131.5
12
-4.42
-158.3
-56.57
-140.8
-28.30
-111.9
-5.76
-141.3
14
-4.08
-170.2
-54.57
-164.6
-30.70
-135.8
-5.71
-150.4
16
-3.86
177.7
-51.14
165.0
-32.77
-149.9
-5.49
-158.9
18
-3.75
165.3
-50.79
138.4
-33.89
-156.4
-5.28
-167.9
20
-3.74
152.0
-50.87
107.8
-36.01
-165.6
-4.99
-177.6
21
-3.79
145.3
-50.09
105.4
-36.43
-171.9
-4.92
177.3
22
-3.86
137.4
-51.20
85.4
-38.94
-167.0
-4.85
171.4
23
-4.07
129.4
-50.03
84.9
-46.43
-171.8
-4.85
166.3
24
-4.25
120.4
-48.55
76.9
-51.42
-4.6
-4.76
159.4
25
-4.62
110.0
-48.26
52.0
-33.66
-13.4
-4.84
152.4
26
-5.10
98.1
-49.21
33.2
-25.59
-17.0
-4.99
144.9
27
-5.86
83.9
-51.02
11.8
-19.53
-20.6
-5.14
136.4
28
-6.96
66.3
-53.65
3.4
-13.18
-27.7
-5.49
126.2
29
-8.56
43.0
-55.77
2.9
-6.22
-37.3
-5.97
114.7
30
-10.85
9.2
-57.30
-12.5
1.29
-52.8
-6.73
99.1
31
-13.21
-44.9
-56.20
32.7
9.14
-76.6
-7.93
78.0
32
-12.39
-121.0
-49.77
-1.8
17.49
-114.9
-9.65
41.0
33
-11.54
161.0
-49.70
-31.8
24.39
-175.8
-11.68
-29.6
34
-17.21
82.0
-51.44
-35.1
26.82
115.0
-10.76
-104.3
35
-20.36
-35.5
-47.38
-81.5
27.07
61.7
-8.74
-142.6
36
-13.92
-105.9
-46.89
-126.8
26.81
17.6
-7.39
-171.4
37
-10.14
-139.8
-47.95
-139.2
26.72
-19.2
-7.28
167.6
38
-8.35
-170.4
-46.59
164.0
27.05
-55.3
-7.82
151.2
39
-8.59
157.4
-45.05
177.2
27.29
-91.5
-9.01
141.8
40
-10.56
122.6
-44.36
142.8
27.30
-129.0
-10.33
136.3
41
-16.13
80.3
-42.19
111.1
25.35
-164.2
-11.12
138.9
42
-22.46
-18.9
-41.27
88.1
25.09
157.8
-10.65
139.4
43
-15.92
-81.9
-40.37
70.8
24.61
128.8
-10.47
130.8
44
-12.13
-107.0
-39.92
43.0
23.99
98.5
-11.70
122.6
45
-9.91
-119.3
-40.59
19.9
23.49
68.1
-13.82
118.6
46
-8.25
-123.9
-37.38
-1.2
22.86
34.0
-16.93
129.0
47
-6.10
-125.8
-37.23
-30.8
21.97
-3.5
-15.21
174.9
48
-3.79
-139.9
-34.59
-85.7
19.73
-41.4
-10.25
172.2
49
-1.93
-154.8
-44.23
-109.4
16.66
-76.2
-7.41
152.0
50
-1.26
-167.8
-44.58
-75.7
13.11
-105.0
-6.75
136.3
51
-0.92
179.8
-41.46
-68.6
9.27
-129.2
-6.70
123.0
52
-0.73
170.5
-44.38
-120.1
5.69
-148.8
-6.99
112.4
53
-0.64
162.0
-65.24
64.9
2.23
-166.3
-7.31
103.1
54
-0.66
154.0
-51.59
-46.4
-1.42
176.6
-7.72
95.1
55
-0.63
147.5
-52.88
-54.0
-4.88
162.4
-8.06
87.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com