Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1712 Datasheet(PDF) 1 Page - ams AG

Part # AS1712
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1712 Datasheet(HTML) 1 Page - ams AG

  AS1712 Datasheet HTML 1Page - ams AG AS1712 Datasheet HTML 2Page - ams AG AS1712 Datasheet HTML 3Page - ams AG AS1712 Datasheet HTML 4Page - ams AG AS1712 Datasheet HTML 5Page - ams AG AS1712 Datasheet HTML 6Page - ams AG AS1712 Datasheet HTML 7Page - ams AG AS1712 Datasheet HTML 8Page - ams AG AS1712 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS1710/AS1712
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O
Op Amps with Shutdown
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.06
1 - 17
1 General Description
The AS1710/AS1712 are low-offset, high-output CMOS
op amps that deliver 200mA of peak output current from
a single supply (2.7 to 5.5V).
These devices were specifically designed to drive typical
headset levels (32
Ω), as well as bias RF power amplifi-
ers for wireless handset applications.
The devices are available as the standard products
shown in Table 1. See also Ordering Information on
page 16.
These rail-to-rail I/O, wide-bandwidth amplifiers exhibit a
high slew rate of 10V/µs and a gain-bandwidth product
of 10MHz.
The integrated shutdown feature (not included in B ver-
sions) drives the output low.
These devices operate over the entire automotive tem-
perature range (-40°C to +125°C).
Figure 1. Typical Application
2 Key Features
!
Constant Output Drive Capability: 50mA
!
Rail-to-Rail Input and Output
!
Supply Current: 1.6mA
!
Single-Supply Operation: 2.7 to 5.5V
!
Gain-Bandwidth Product: 10MHz
!
High Slew Rate: 10V/µs
!
Voltage Gain: 100dB (RLOAD = 100k
Ω)
!
Power-Supply Rejection Ratio: -85dB
!
No Phase Reversal for Overdriven Inputs
!
Unity-Gain Stable for Capacitive Loads: Up to 100pF
!
Shutdown Mode (AS1710A) Current: 1nA typ
!
Package Types:
-SC70-6
-SC70-5
- TQFN-16 3x3mm
3 Applications
The devices are ideal for portable/battery-powered
audio applications, portable headphone speaker drivers
(32
Ω), hands-free mobile phone kits, TFT panels, sound
ports/cards, set-top boxes, biasing controls, DAC con-
verter buffers, transformer/line drivers, motor drivers,
and any other battery-operated audio device.
Table 1. Standard Products
Model
Description
Package
AS1710A
Single Op Amp
with Shutdown
SC70-6
AS1710B
Single Op Amp
SC70-5
AS1712A
Quad Op Amp
w/Shutdown
TQFN-16
3x3mm
VBIAS
RIN
Headphone Jack
to 32
Ω Stereo
Headset
CIN
+
–
AS1710
RF
RIN
CIN
RF
+
–
AS1710
COUT
+
COUT
+
Audio In
Left
Audio In
Right


Similar Part No. - AS1712

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1712 AMSCO-AS1712 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1712 AMSCO-AS1712 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1712A AMSCO-AS1712A Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1712A-AQFT AMSCO-AS1712A-AQFT Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1712A-AQFT AMSCO-AS1712A-AQFT Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results

Similar Description - AS1712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
logo
ams AG
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com