Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1712 Datasheet(PDF) 13 Page - ams AG

Part # AS1712
Description  High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1712 Datasheet(HTML) 13 Page - ams AG

Back Button AS1712 Datasheet HTML 9Page - ams AG AS1712 Datasheet HTML 10Page - ams AG AS1712 Datasheet HTML 11Page - ams AG AS1712 Datasheet HTML 12Page - ams AG AS1712 Datasheet HTML 13Page - ams AG AS1712 Datasheet HTML 14Page - ams AG AS1712 Datasheet HTML 15Page - ams AG AS1712 Datasheet HTML 16Page - ams AG AS1712 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.06
13 - 17
AS1710/AS1712
Data Sheet - P a c k age Drawin gs an d Ma rkings
9 Package Drawings and Markings
Figure 27. SC70-5 Package
Symbol
Min
Max
e
0.65BSC
D1.80
2.20
b0.15
0.30
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
Lj
0.26
0.46
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash and metal burr.
4. All specifications comply with JEITA SC88A and JEDEC
MO203.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com