Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1741G Datasheet(PDF) 2 Page - ams AG

Part # AS1741G
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1741G Datasheet(HTML) 2 Page - ams AG

  AS1741G Datasheet HTML 1Page - ams AG AS1741G Datasheet HTML 2Page - ams AG AS1741G Datasheet HTML 3Page - ams AG AS1741G Datasheet HTML 4Page - ams AG AS1741G Datasheet HTML 5Page - ams AG AS1741G Datasheet HTML 6Page - ams AG AS1741G Datasheet HTML 7Page - ams AG AS1741G Datasheet HTML 8Page - ams AG AS1741G Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
2 - 15
AS1741
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. MSOP Pin Assignments (Top View)
Figure 3. SOT23 Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
See Figure 2
and Figure 3
COM1
Analog Switch 1 Common
COM2
Analog Switch 2 Common
GND
Ground
IN1
Analog Switch 1 Logic Control Input
IN2
Analog Switch 2 Logic Control Input
NC1
Analog Switch 1 Normally Closed Terminal
NC2
Analog Switch 2 Normally Closed Terminal
NO1
Analog Switch 1 Normally Open Terminal
NO2
Analog Switch 2 Normally Open Terminal
V+
Input Supply Voltage. +1.6 to +3.6V
AS1742
8 V+
5 NC2
6 COM2
7 IN1
1
NC1
4
GND
3
IN2
2
COM1
AS1741
8 V+
5 NO2
6 COM2
7 IN1
1
NO1
4
GND
3
IN2
2
COM1
AS1743
8 V+
5 NC2
6 COM2
7 IN1
1
NO1
4
GND
3
IN2
2
COM1
AS1742
8 NC1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NC2
2
V+
AS1741
8 NO1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NO2
2
V+
AS1743
8 NO1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NC2
2
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com