Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1741G Datasheet(PDF) 5 Page - ams AG

Part # AS1741G
Description  High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1741G Datasheet(HTML) 5 Page - ams AG

  AS1741G Datasheet HTML 1Page - ams AG AS1741G Datasheet HTML 2Page - ams AG AS1741G Datasheet HTML 3Page - ams AG AS1741G Datasheet HTML 4Page - ams AG AS1741G Datasheet HTML 5Page - ams AG AS1741G Datasheet HTML 6Page - ams AG AS1741G Datasheet HTML 7Page - ams AG AS1741G Datasheet HTML 8Page - ams AG AS1741G Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.austriamicrosystems.com
Revision 1.78
5 - 15
AS1741
Data Sheet - El ectrical Characte ristics
V+ = +1.8V, VIH = +1.0V, VIL = 0.4V, TAMB = TMIN to TMAX (unless otherwise specified). Typ values @ TAMB = +25ºC.
1.
ΔRON = RON(MAX) - RON(MIN).
2. Flatness is defined as the difference between the maximum and the minimum value of ON-resistance as measured
over the specified analog signal ranges.
3. Guaranteed by design.
4. Off-Isolation = 20log10(VCOMx/VNOx), VCOMx = output, VNOx = input to off switch.
5. Between two switches.
Logic Input
VIH
Input Logic High
1.5
V
VIL
Input Logic Low
0.5
V
IIN
Input Leakage Current
VINx = 0 or V+
-1000
0.1
1000
nA
Table 6. +1.8V Supply Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog Switch
VCOMx,
VNOx, VNCx
Analog Signal Range
0
V+
V
RON
ON-Resistance
ICOMx = 10mA,
VNOx or VNCx = 0.9V
TAMB = +25ºC
0.9
2.5
Ω
TAMB = TMIN to TMAX
3
INOx(OFF),
INCx(OFF)
NOx or NCx Off-
Leakage Current
VCOMx = 0.3 or 1.5V, VNOx
or VNCx = 1.5 or 0.3V
TAMB = +25ºC
-1
1
nA
TAMB = TMIN to TMAX
-5
5
ICOMx(OFF)
COMx Off-Leakage
Current
VCOMx = 0.3 or 1.5V, VNOx
or VNCx = 1.5 or 0.3V
TAMB = +25ºC
-1
1
nA
TAMB = TMIN to TMAX
-5
5
ICOMx(ON)
COMx On-Leakage
Current
VCOMx = 0.3 or 1.5V,
VNOx or VNCx = 0.3 or 1.5V
TAMB = +25ºC
-2
2
nA
TAMB = TMIN to TMAX
-10
10
Switch Dynamic Characteristics
tON
Turn On Time
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω,
CLOAD = 35pF,
Figures 12, 13
TAMB = +25ºC
21
30
ns
TAMB = TMIN to TMAX
35
tOFF
Turn Off Time
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω,
CLOAD = 35pF,
Figures 12, 13
TAMB = +25ºC
12
20
ns
TAMB = TMIN to TMAX
25
tBBM
Break-Before-Make
3
VNOx or VNCx = 1.5V,
RLOAD = 50
Ω,
CLOAD = 35p,
Figure 14, (AS1743)
TAMB = +25ºC
8
ns
TAMB = TMIN to TMAX
1
Q
Charge Injection
VGEN = 1.8V, RGEN = 0,
CLOAD = 1.0nF, Figure 15
8-pin MSOP
6
pC
8-pin SOT23
2.5
VISO
Off-Isolation
4
f = 1MHz, VCOMx = 1VRMS,
RLOAD = 50
Ω, CLOAD = 5pF, Figure 17
-50
dB
Crosstalk
5
f = 1MHz, VCOMx = 1VRMS,
RLOAD = 50
Ω, CLOAD = 5pF, Figure 17
-100
dB
Logic Input
VIH
Input Logic High
1
V
VIL
Input Logic Low
0.4
V
IIN
Input Leakage Current
VINx = 0 or V+
-1000
0.1
1000
nA
Table 5. +3V Supply Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com