Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2097A Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2097A
Description  20-40GHz Variable Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2097A Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2097A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 7Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
20-40GHz Variable Gain Amplifier
CHA2097a
Ref. : DSCHA20978021
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters (On wafer Sij measurements):
Bias Conditions:
Vd=3.5V, Vg=0V, Vctrl=-1V, Id=140mA
F(GHz)
S11
S11
S12
S12
S21
S21
S22
S22
dB
/°
dB
/°
dB
/°
dB
/°
10
-4,75
-115,2
-67,47
-177,7
3,66
-94,8
-3,4
-177,9
11
-5,92
-124
-67,62
150,7
6,93
-125,4
-3,95
167,5
12
-6,95
-131
-66,42
148,4
9,91
-157,6
-4,6
152,2
13
-8,07
-137,6
-70,21
118,4
12,47
170,1
-5,43
135,1
14
-9
-142,7
-71,68
102,8
14,8
136,8
-6,68
115,1
15
-9,96
-147,7
-69,5
-77,6
16,79
101,8
-8,99
90,3
16
-10,75
-151,4
-71,34
-153,6
18,03
66,8
-12,02
64,8
17
-11,26
-154,7
-61,82
-169,2
18,79
31,6
-17,57
28,2
18
-11,52
-160,8
-58,85
171,5
19
0,7
-23,88
-12
19
-12,03
-170,5
-55,51
126,7
19,51
-29,1
-20,12
-71,4
20
-12,71
-179,1
-54,34
111,5
19,91
-57,6
-16,3
-97,4
21
-14,68
174,8
-50,54
51,9
19,56
-93,1
-10,26
-139,8
22
-14,55
168,3
-68,27
-0,3
19,32
-113,6
-11,59
-176,9
23
-17,06
154,2
-55,58
74,8
19,23
-134
-15,39
170,8
24
-19,6
155,1
-55,02
34,8
19,68
-161,4
-15,8
-174,6
25
-21,82
160,7
-54,34
25,3
19,69
172,4
-14,44
-170,8
26
-21,99
166
-52,57
4,1
19,71
147,7
-12,93
-176,7
27
-23,66
162,2
-53,35
-36,2
19,75
121,7
-12,25
174,8
28
-24,37
169
-55,75
-48,6
19,57
96
-11,11
169,8
29
-24,22
171,5
-53,54
-47,9
19,23
71,9
-10,96
156,3
30
-25,56
178,6
-56,09
-85,8
19,19
48,2
-10,95
149,1
31
-24,43
177,5
-52,89
-80,7
19,09
24,1
-11,22
142
32
-25,44
169,7
-51,25
-117,3
19,02
-0,4
-11,25
137
33
-25,52
171,3
-49,33
-147,8
18,95
-25,9
-10,52
130
34
-26,11
165,7
-50,85
-165,7
18,79
-50,8
-10,42
120,3
35
-26,98
157,4
-47,32
174,7
18,71
-76,2
-10,4
112,1
36
-28,03
132,1
-47,19
145,5
18,71
-102,2
-10,59
102,2
37
-29,59
80
-45,61
115
18,5
-130,4
-10,34
93
38
-25,97
10,7
-45,29
68,8
18,31
-158
-10,39
81,8
39
-19,91
-36,7
-48,48
57,1
18,2
172,1
-10,1
75,9
40
-15,11
-70
-47,05
65,8
17,69
139,1
-9,2
62,2
41
-11,72
-101
-45,42
28,8
16,63
105,7
-8,86
48,1
42
-9,51
-133,1
-46,37
-3,4
15,5
71,9
-8,56
35,7
43
-8,19
-167,2
-49,95
-13,7
13,76
37,9
-8,16
19,1
44
-7,23
160,6
-49,34
-29,7
11,68
4,6
-7,96
2,8
45
-6,98
127,9
-48,29
-64,6
9,12
-26,4
-7,6
-10,6
46
-7
95,8
-43,43
-46,4
6,31
-56
-7,27
-24,1
47
-6,99
64,6
-41,24
-68,1
3,32
-83,9
-7,08
-38,4
48
-6,78
34,2
-38,37
-97,4
0,15
-111,7
-6,78
-50,8
49
-6,66
7,2
-40,96
-138,5
-3,25
-137,9
-6,27
-62,1
50
-6,47
-18,1
-46,95
-70,4
-6,78
-160,6
-5,98
-75,1
51
-6,32
-40,8
-42,32
-101,2
-11,11
-178,6
-5,72
-83,4
52
-6,05
-60,5
-40,63
-176,6
-14,83
163,5
-5,3
-93,5
53
-5,89
-77,5
-48,84
171,4
-19,24
157,2
-5,1
-102,7
54
-5,71
-94,2
-61,19
111,7
-21,88
148,7
-4,8
-110,9
55
-5,58
-107,5
-56,96
103,7
-24,47
133,5
-4,35
-120,8
56
-5,1
-121,6
-55,14
166,4
-24,78
114,8
-4,18
-130,4
57
-5,23
-132,4
-50,04
30,3
-25,65
89,9
-3,86
-135,8
58
-4,98
-144,5
-54,03
-125,9
-28,47
60,3
-3,47
-145,5
59
-5,18
-155,1
-55,65
179,7
-30,93
30,8
-3,21
-153,3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com