Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2097A Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2097A
Description  20-40GHz Variable Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2097A Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2097A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 7Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA2097a
20-40GHz Variable Gain Amplifier
Ref. : DSCHA20978021
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters (On wafer Sij measurements):
Bias Conditions:
Vd=3.5V, Vg=0V, Vctrl=-0.3V, Id=140mA
F(GHz)
S11
S11
S12
S12
S21
S21
S22
S22
dB
/°
dB
/°
dB
/°
dB
/°
10
-21,22
-127,3
-76,73
178,5
-11,95
-77,4
-3,39
-178
11
-21,29
-137,1
-78,25
152,7
-8,66
-105,2
-3,93
167,4
12
-21,49
-145,7
-73,34
145,3
-5,6
-134,7
-4,58
152
13
-21,84
-154
-77,33
154,5
-3
-164,1
-5,41
134,8
14
-22,04
-162,3
-80,66
144,3
-0,57
165,1
-6,66
114,6
15
-22,52
-169,6
-81,88
-119,4
1,48
132,5
-8,92
89,7
16
-23,04
-176,4
-73,48
178,9
2,82
99,7
-11,91
63,8
17
-23,85
176,4
-63,82
-174,9
3,65
66,3
-17,29
26,6
18
-24,42
170,9
-64
179,2
3,85
36,8
-23,56
-16,2
19
-24,63
166
-58,81
153
4,28
8,4
-20,1
-74,1
20
-25,23
161,6
-58,94
135,1
4,54
-17,9
-16,45
-99,5
21
-26,25
153,4
-56,1
60,4
4,29
-50,3
-10,67
-138,7
22
-27,04
152,8
-76,98
-105,4
3,55
-70,1
-11,7
-175,2
23
-27,88
146,8
-61,65
138,4
3,75
-88,5
-15,43
170
24
-29,52
142,3
-59,54
99,5
4,18
-112,8
-16,32
-173,1
25
-31,05
139
-57,85
87,5
4,17
-136,4
-14,56
-168,2
26
-33,21
137,1
-58,27
78
4,12
-158,7
-13,03
-174,9
27
-36,65
139,9
-58,68
57,7
4,14
177,6
-12,27
177
28
-37,81
150,3
-59,11
58,8
3,85
154,7
-11,04
171,7
29
-38,63
-179,8
-57,44
39
3,45
133,2
-10,84
157,6
30
-36,35
-146,1
-70,19
57,9
3,32
111,7
-10,88
149,5
31
-34,9
-140,8
-56
15,6
3,14
91,1
-11,32
142,3
32
-33,79
-133,8
-64,97
-22,2
3,07
69,5
-11,31
138,8
33
-30,34
-140,1
-61,29
-13,6
2,85
46,7
-10,47
131,1
34
-29,02
-137
-56,63
-17,7
2,53
25
-10,35
121,2
35
-28,15
-137,3
-63,3
-100,1
2,31
2,6
-10,38
112,8
36
-26,75
-145
-67,38
177,5
2,04
-20,2
-10,53
102,9
37
-25,56
-146,6
-63,38
84,1
1,53
-45,1
-10,35
92,6
38
-24,23
-152,1
-49,84
63,6
0,94
-68,2
-10,41
81,7
39
-23,27
-157,7
-63,61
-163,1
0,43
-93,6
-10,26
74,1
40
-22,17
-160,7
-55,7
170,1
-0,45
-121,1
-9,47
62
41
-21,72
-164,2
-58,1
57,2
-1,94
-151,6
-9,14
48,7
42
-21,71
-172,8
-57,64
35,3
-3,83
-179,8
-8,75
36,5
43
-20,6
-179,4
-56,99
73,1
-6,65
150,8
-8,31
20,2
44
-19,32
176,4
-55,62
49,1
-10,79
124
-8,02
3,8
45
-18,65
170,4
-55,06
-6,1
-17,23
103,1
-7,64
-9,7
46
-18,06
161,6
-45,05
-9,1
-29,13
124,9
-7,35
-23,8
47
-17,26
151,8
-41,22
-30,4
-21,01
-169,3
-7,14
-37,5
48
-16,91
143,5
-38,77
-88,4
-15,55
175,8
-6,86
-49,6
49
-16,53
130,1
-45,12
-127,4
-13,23
156,5
-6,31
-61,6
50
-13,58
131,6
-48,65
-58,6
-11,37
109,8
-6,04
-74,6
51
-12,71
121,7
-40,48
-80,3
-10,55
97,7
-5,78
-83,3
52
-11,82
108,4
-40,42
-148,9
-9,53
81,4
-5,29
-93,8
53
-11,71
92
-51,47
-147,8
-9,08
58,2
-5,17
-102,5
54
-11,55
80
-57,09
-105,6
-9,02
35
-4,83
-110,9
55
-11,82
65,9
-63,78
-147,1
-9,01
9,9
-4,42
-120,7
56
-12,85
54
-58,06
-172
-9,44
-21,2
-4,3
-130,1
57
-12,91
39,8
-52,98
106
-10,94
-55,8
-3,89
-136
58
-13,13
25,7
-55,61
-166,3
-13,87
-89,7
-3,55
-93,8
59
-13,73
15,8
-64,85
115,9
-18,07
-112,3
-3,24
-102,5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com