Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1901 Datasheet(PDF) 1 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 1 Page - ams AG

  AS1901 Datasheet HTML 1Page - ams AG AS1901 Datasheet HTML 2Page - ams AG AS1901 Datasheet HTML 3Page - ams AG AS1901 Datasheet HTML 4Page - ams AG AS1901 Datasheet HTML 5Page - ams AG AS1901 Datasheet HTML 6Page - ams AG AS1901 Datasheet HTML 7Page - ams AG AS1901 Datasheet HTML 8Page - ams AG AS1901 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AS1901, AS1902, AS1903
Ultra Low-Power µP Supervisory Circuit
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.51
1 - 9
1 General Description
The AS1901/2/3 family is an ultra low-power supervisory
circuit device.
The device can be used to monitor the supply voltage of
digital systems and microprocessors and initiate a reset
when the voltage goes below a predefined threshold.
The duration of the reset is 5/20/100/500ms (typ.) after
the supply voltage has risen above the threshold.
The AS1901/2/3 exhibit excellent reliability and can
reduce application costs by eliminating all external com-
ponents.
The device is available with different output drivers:
!
The AS1901 has a push-pull driver with an active low
reset.
!
The AS1902 uses the same output stage as the
AS1901, but has an active high reset.
!
The AS1903 has an open drain output with active low
reset.
All devices operate down to a voltage of 1V.
The reset thresholds are factory-trimmable between
2.2V and 3.08V in steps of approximately 100mV.
Each device of the AS1901/2/3 family is offered with four
time-out periods of 5/20/100/500ms.
The extremely low current consumption of only 230nA
(typ) at 3.3V makes the device ideal for use in portable
applications.
All devices are available in a 3-pin SOT23 package.
Figure 1. Functional Block Diagrams
2 Key Features
!
Low 230nA (typ) Supply Current
!
Precision Monitoring of 2.5-, 3-, and 3.3V-Power
Supplies
!
Supply Voltage Range: 1.0 to 3.6V
!
Reset Threshold Range: 2.2 to 3.1V
!
Available in 3 Versions:
- AS1901 Push Pull RESETN
- AS1902 Push Pull RESET
- AS1903 Open Drain RESETN
!
4 Time-Out Periods Ranging from 5 to 500ms
!
Detection Voltage Accuracy: ±1.5%
!
Temperature Range: -40 to +85°C
!
Package: SOT23-3
3 Applications
The devices are ideal for computers, intelligent instru-
ments, controllers, critical microprocessor and micro-
controller, power monitoring and portable/battery-
powered equipment.
VCC
AS1903
Microprocessor
VDD
GND
GND
RESETN
RESET I/O
VCC
1
2
3
VCC
AS1901
AS1902
Microprocessor
VDD
GND
GND
RESETN,
RESET
RESET
VCC
1
2
3


Similar Part No. - AS1901

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1901 AMSCO-AS1901 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1901C23 AMSCO-AS1901C23 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1901C23 AMSCO-AS1901C23 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1901C26 AMSCO-AS1901C26 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
More results

Similar Description - AS1901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
uP Supervisory Circuit
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904 Datasheet
87Kb / 9P
Ultra Low-Power uP Supervisory Circuit
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
logo
ams AG
AS1901 AMSCO-AS1901_04 Datasheet
673Kb / 10P
Ultra Low-Power P Supervisory Circuit
AS1904 AMSCO-AS1904_04 Datasheet
639Kb / 10P
Ultra Low-Power P Supervisory Circuit
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com