Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1901 Datasheet(PDF) 6 Page - ams AG

Part # AS1901
Description  Ultra Low-Power uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1901 Datasheet(HTML) 6 Page - ams AG

  AS1901 Datasheet HTML 1Page - ams AG AS1901 Datasheet HTML 2Page - ams AG AS1901 Datasheet HTML 3Page - ams AG AS1901 Datasheet HTML 4Page - ams AG AS1901 Datasheet HTML 5Page - ams AG AS1901 Datasheet HTML 6Page - ams AG AS1901 Datasheet HTML 7Page - ams AG AS1901 Datasheet HTML 8Page - ams AG AS1901 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.austriamicrosystems.com
Revision 1.51
6 - 9
AS1901, AS1902, AS1903
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Interfacing to Microprocessors with Bi-Directional Reset Pins
The device has an open drain RESETN output, which enables easy interfacing to microprocessors (µP) with bi-direc-
tional reset pins, such as the Motorola 68HC11. The RESETN pin of the microcontroller (µC) can be connected directly
to the µP supervisor's RESETN output with a single pull-up resistor (see Figure 1 on page 1).
Negative-Going VDD Transients
The device is optimized to ignore short-duration, negative-going VDD transients (glitches) in order to avoid incorrect
resets.
In the graph Maximum Transient Duration vs. Reset Threshold Overdrive (page 6), the conditions are shown, for which
the reset pulses are not generated. In the graph the maximum pulse width that a negative VDD transient may have
when a reset signal is generated. As the amplitude of the transient increases, the maximum allowable pulse width
decreases.
Options
Table 4. Coding of Factory-trimmed Reset Active Time-Out Period
Device
Suffix
tTP in Milliseconds
Min
Typ
Max
AS190x_xx
A
3
5
8
AS190x_xx
B
12
20
32
AS190x_xx
C
60
100
160
AS190x_xx
D
300
500
800
Table 5. Output Variants
Device
Output Functionality
AS1901xxx
Active Low (RESETN)
AS1902xxx
Active High (RESET)
AS1903xxx
Open Drain (RESETN)
Table 6. Coding of Factory-Trimmed Reset Threshold Voltages
Device
Suffix
Reset Threshold Voltage, VTH in V
TA = +25°C
TA = -40 to +85°C
Min
Typ
Max
Min
Max
AS190xx__
22
2.167
2.2
2.233
2.145
2.255
AS190xx__
23
2.285
2.32
2.355
2.262
2.378
AS190xx__
24
2.364
2.4
2.436
2.340
2.460
AS190xx__
25
2.463
2.5
2.538
2.438
2.563
AS190xx__
26
2.591
2.63
2.669
2.564
2.696
AS190xx__
27
2.660
2.7
2.741
2.633
2.768
AS190xx__
28
2.758
2.8
2.842
2.730
2.870
AS190xx__
29
2.886
2.93
2.974
2.857
3.003
AS190xx__
30
2.955
3.0
3.045
2.925
3.075
AS190xx__
31
3.034
3.08
3.126
3.003
3.157



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com