Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1910 Datasheet(PDF) 8 Page - ams AG

Part # AS1910
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1910 Datasheet(HTML) 8 Page - ams AG

Back Button AS1910 Datasheet HTML 4Page - ams AG AS1910 Datasheet HTML 5Page - ams AG AS1910 Datasheet HTML 6Page - ams AG AS1910 Datasheet HTML 7Page - ams AG AS1910 Datasheet HTML 8Page - ams AG AS1910 Datasheet HTML 9Page - ams AG AS1910 Datasheet HTML 10Page - ams AG AS1910 Datasheet HTML 11Page - ams AG AS1910 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 15
AS1910 - AS1915
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1910 - AS1915 supervisory circuits were designed to generate a reset when one of the two monitored supply
voltages falls below its factory-trimmed trip threshold (see VTH on page 4 and VTH2 on page 4), and to maintain the
reset for a minimum timeout period (see tRP on page 5) after all supplies have stabilized.
The integrated watchdog timer (see Watchdog Input on page 10) helps mitigate against bad programming code or
clock signals, and/or poor peripheral response. An active-low manual reset input (see Manual Reset Input on page 10)
allows for an externally activated system reset.
RESET/RESETN
Whenever one of the monitored voltages falls below its reset threshold, the RESET output (AS1910, AS1912, AS1913,
AS1915) asserts low or the RESETN output (AS1911, AS1914) asserts high. Once all monitored voltages have stabi-
lized, an internal timer keeps the reset asserted for the reset timeout period (tRP). After the tRP period, the RESET or
RESETN output return to their original state (see Figure 10).
Figure 9. Functional Diagram of VCC Supervisory Application
Figure 10. Reset Timing Diagram
AS1913/AS1914/AS1915
Reset Timeout
Delay Generator
Watchdog Transition
Detector
Watchdog
Timer
+
–
1.26V
VCC
0.63V
1.26V
5
VCC2
2
GND
6
VCC
4
WDI
1
RESETN/
RESET
3
MRN
1V
tRD
tRP
tRP
tRD
VTH
VTH
VCC
RESETN
RESET
GND
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com