Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1910 Datasheet(PDF) 14 Page - ams AG

Part # AS1910
Description  Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1910 Datasheet(HTML) 14 Page - ams AG

Back Button AS1910 Datasheet HTML 7Page - ams AG AS1910 Datasheet HTML 8Page - ams AG AS1910 Datasheet HTML 9Page - ams AG AS1910 Datasheet HTML 10Page - ams AG AS1910 Datasheet HTML 11Page - ams AG AS1910 Datasheet HTML 12Page - ams AG AS1910 Datasheet HTML 13Page - ams AG AS1910 Datasheet HTML 14Page - ams AG AS1910 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 15
AS1910 - AS1915
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Table 5. Ordering Information
Model
Marking
Reset Output Type
Thresholds
Delivery Form
Package
AS1910S-T
ASH3
Active-Low Push/Pull
2.93V, Adjustable
Tape and Reel
6-pin SOT23
AS1910R-T
ASH4
Active-Low Push/Pull
2.63V, Adjustable
Tape and Reel
6-pin SOT23
AS1910Z-T
ASH5
Active-Low Push/Pull
2.32V, Adjustable
Tape and Reel
6-pin SOT23
AS1910V-T
ASH6
Active-Low Push/Pull
1.58V, Adjustable
Tape and Reel
6-pin SOT23
AS1911S-T
ASH7
Active High Push/Pull
2.93V, Adjustable
Tape and Reel
6-pin SOT23
AS1911R-T
ASH8
Active High Push/Pull
2.63V, Adjustable
Tape and Reel
6-pin SOT23
AS1911Z-T
ASH9
Active High Push/Pull
2.32V, Adjustable
Tape and Reel
6-pin SOT23
AS1911V-T
ASIA
Active High Push/Pull
1.58V, Adjustable
Tape and Reel
6-pin SOT23
AS1912S-T
ASIB
Open Drain
2.93V, Adjustable
Tape and Reel
6-pin SOT23
AS1912R-T
ASIC
Open Drain
2.63V, Adjustable
Tape and Reel
6-pin SOT23
AS1912Z-T
ASID
Open Drain
2.32V, Adjustable
Tape and Reel
6-pin SOT23
AS1912V-T
ASIE
Open Drain
1.58V, Adjustable
Tape and Reel
6-pin SOT23
AS1913TZ-T
ASIF
Active-Low Push/Pull
3.08V, 2.313V
Tape and Reel
6-pin SOT23
AS1913SF-T
ASIG
Active-Low Push/Pull
2.93V,1.05V
Tape and Reel
6-pin SOT23
AS1913VD-T
ASIH
Active-Low Push/Pull
1.58V, 0.788V
Tape and Reel
6-pin SOT23
AS1914TZ-T
ASII
Active High Push/Pull
3.08V, 2.313V
Tape and Reel
6-pin SOT23
AS1914SF-T
ASIJ
Active High Push/Pull
2.93V,1.05V
Tape and Reel
6-pin SOT23
AS1914VD-T
ASIK
Active High Push/Pull
1.58V, 0.788V
Tape and Reel
6-pin SOT23
AS1915TZ-T
ASIL
Open-Drain
3.08V, 2.313V
Tape and Reel
6-pin SOT23
AS1915SF-T
ASIM
Open-Drain
2.93V,1.05V
Tape and Reel
6-pin SOT23
AS1915VD-T
ASIN
Open-Drain
1.58V, 0.788V
Tape and Reel
6-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com