Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098RBF Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2098RBF
Description  20-33GHz High Gain Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098RBF Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2098RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA2098RBF
20-33GHz High Gain Buffer Amplifier
Ref. : DSCHA2098RBF2057 -26-Feb.-02
2/6
Specifications subject to change without notice
"
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Schematic
Typical Bias Conditions
for an ambient Temperature of +25°C
Symbol
Pin No.
Parameter
Values
Unit
Vd
6
Drain bias voltage
3.5
V
Vg1
1
Gate bias voltage (1st stage)
-0.1
V
Vg2, Vg3
2
Gate bias voltage (2nd and 3rd stage)
-0.1
V
Id
6
Drain current
150
mA
All other pins are not used for this device.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Id
Drain bias current
200
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Ta
Operating temperature range (2)
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Upper temperature limit strongly dependent on motherboard design; ratings given for
ideal thermal coupling



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com