Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098RBF Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2098RBF
Description  20-33GHz High Gain Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098RBF Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2098RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098RBF Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2098RBF
Ref. : DSCHA2098RBF2057 -26-Feb.-02
1/6
Specifications subject to change without notice
1."
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-33GHz High Gain Buffer Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a high gain broadband three-
stage
monolithic
buffer
amplifier.
It
is
designed for a wide range of applications,
from military to commercial communication
systems. The circuit is manufactured with a
PM-HEMT process, 0.25µm gate length, via
holes through the substrate, air bridges and
electron beam gate lithography.
It is supplied in a new SMD leadless chip
carrier.
Main Features
■ Broadband performance: 20-40GHz
■ Small signal gain 18dB (typical)
■ SMD leadless package
■ Pout-1dB : +15dBm (typical).
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMD Package Dimensions
"Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors. It is indicated
by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on the backside of the
package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the location of PIN


Similar Part No. - CHA2098RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2098B UMS-CHA2098B Datasheet
126Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2098B99F/00 UMS-CHA2098B99F/00 Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
20-40GHz High Gain Buffer Amplifier
More results

Similar Description - CHA2098RBF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA3092 UMS-CHA3092 Datasheet
112Kb / 7P
20-33GHz Medium Power Amplifier
CHA3092RBF UMS-CHA3092RBF Datasheet
188Kb / 8P
20-33GHz Medium Power Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
6-20 GHz High-Gain Amplifier
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
6 - 20 GHz High Gain Amplifier
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
logo
United Monolithic Semic...
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
20-40GHz High Gain Buffer Amplifier
CHA3092 UMS-CHA3092_15 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com