Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1306EC Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1306EC
Description  Polyester (Mylar) and Foil Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1306EC Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1306EC Datasheet HTML 1Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Polyester (Mylar )
and Foil
Capacitors
µµµµµF
1306EC-1
50 VDC
1306EC-2
100 VDC
1306EC-3
150 VDC
1306EC-3
200 VDC
DIMENSIONS and RATINGS
Cap.
<
><
L _.050"
>
1.625"
Min.
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
Epoxy case
(Axial Leads)
EFC
1306EC
+
1306EC
D
L
D
L
D
L
D
L
D
L
_ .010"
+
D
DIAMETER
LENGTH
1 = .187
2 = .225
3 = .250
4 = .312
5 = .375
6 = .437
7 = .500
D = .750
E = .875
F = 1.190
A = .375
B = .500
C = .625
SIZE CODE
1
1
1
1
1
1
1
2
2
2
1
1
2
2
2
3
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
1
1
1
2
2
2
1
2
2
2
3
3
3
3
3
4
4
4
4
5
5
5
6
7
7
7
7
1
1
1
1
2
2
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
6
6
7
7
7
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
D
D
D
E
E
E
E
E
F
1
2
2
1
1
2
2
3
3
2
3
4
4
4
4
4
4
4
4
6
6
7
7
7
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
E
E
E
E
E
F
F
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
D
L
1306EC-3
600 VDC
1306EC-3
400 VDC
1
1
2
3
3
2
3
4
4
4
4
4
5
5
5
6
6
7
7
7
7
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
(All dimensions in inches)
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
C
C
C
C
C
C
D
D
D
E
E
E
E
F
F
1
1
1
1
1
1
2
2
2
2
1
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
7
7
7
7
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
E
E
E
E
E
F
F
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
E
F
F


Similar Part No. - 1306EC

ManufacturerPart #DatasheetDescription
logo
Electronic Film Capacit...
1306EC-3-0.01-1-01 EFC-1306EC-3-0.01-1-01 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EC-3-0.01-1-02 EFC-1306EC-3-0.01-1-02 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EC-3-0.01-1-41 EFC-1306EC-3-0.01-1-41 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EC-3-0.01-1-42 EFC-1306EC-3-0.01-1-42 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306EC-3-0.1-1-01 EFC-1306EC-3-0.1-1-01 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
More results

Similar Description - 1306EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
POLYESTER (MYLAR) and FOIL
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
Polyester (Mylar) and Foil Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com